Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L135 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-L135
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L135 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-L135 Datasheet HTML 4Page - Omron Electronics LLC E39-L135 Datasheet HTML 5Page - Omron Electronics LLC E39-L135 Datasheet HTML 6Page - Omron Electronics LLC E39-L135 Datasheet HTML 7Page - Omron Electronics LLC E39-L135 Datasheet HTML 8Page - Omron Electronics LLC E39-L135 Datasheet HTML 9Page - Omron Electronics LLC E39-L135 Datasheet HTML 10Page - Omron Electronics LLC E39-L135 Datasheet HTML 11Page - Omron Electronics LLC E39-L135 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
E3G
9
● Wiring
• The cable with an external diameter of 6 to 8 mm is recommended.
• Be sure to attach the cover with screws securely in order to
maintain the water- and dust-resistive properties of the product.
The size of the conduit opening is PF1/2 in accordance with JIS
B0202.
• Do not tighten the Terminal Protection Cover with wires pinched
between the Sensor and the cover in order to maintain the water-
and dust-resistive properties of the product.
• Changing to Side-pullout Cable from Vertical-pullout Cable
● Designing
Load Relay Contact
If E3G is connected to a load with contacts that spark when the load
is turned OFF (e.g., a contactor or valve), the normally-closed side
may be turned ON before the normally-open side is turned OFF or
vice-versa. If both normally-open output and normally-closed output
are used simultaneously, apply an surge suppressor to the load.
Refer to OMRON’s PCB Relays Catalog (X33) for typical examples of
surge suppressors.
● Wiring
Connecting and Wiring
The E3G has a built-in function to protect the E3G from load
shortcircuiting. If load shortcircuiting results, the output will be turned
OFF. In that case, check the wiring and turn ON the E3G again so that
the short-circuit protection circuit will be reset. This function will
operate if the output current flow is at least 2.0 times the rated load
current. If a capacitive load is connected to the E3G, make sure that
the inrush current does not exceed 1.2 times the rated load current.
● Mounting
Mounting Conditions
• If Sensors are mounted face-to-face, make sure that no optical
axes cross each other. Otherwise, mutual interference may result.
• Be sure to install the Sensor carefully so that the directional angle
range of the Sensor will not be directly exposed to intensive light,
such as sunlight, fluorescent light, or incandescent light.
• Do not strike the Photoelectric Sensor with a hammer or any other
tool during the installation of the Sensor, or the Sensor will loose its
water-resistive properties.
• Use M4 screws to mount the Sensor.
• When mounting the case, make sure that the tightening torque
applied to each screw does not exceed 1.2 N·m.
● Water Resistance
Tighten the operation cover screws and terminal block cover screws
to a torque of 0.3 to 0.5 N·m in order to ensure water resistivity.
E3G-M
@(T)
Proce-
dure
Operation
1
Remove the present cover.
2
Attach the E39-L129 Terminal Protection Cover for side-
pullout cable.
3
Remove the clamping nut, washer, and rubber bushing of
the E3G. These are used for the side-pullout cable.
4
Attach the rubber bushing and cap provided with the
E39-L129 to the E3G as replacements.
33 mm
63 mm
Output
2Ta
3Tb
1Tc
Power supply
4
5
Rubber bushing*
Terminal
protection cover
Washer*
Clamping nut*
*Not provided with UL-compliant (-US) models.
For UL certified products (-US type), use UL-
Listed plastic cable gland.
The tightening torque is 3 N.m or less.
Recommended Example
4
1
2
2
3
Rubber bushing
E39-L129 Terminal
Protection Cover
Washer
Rubber bushing*
Cap*
Clamping nut
*Provided with the E39-L129.
All E3G Models


Similar Part No. - E39-L135

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L135 OMRON-E39-L135 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E39-L135 OMRON-E39-L135 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E39-L135

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com