Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2A-S08KN04-WP-B12M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2A-S08KN04-WP-B12M
Description  Cylindrical Proximity Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2A-S08KN04-WP-B12M Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2A-S08KN04-WP-B12M Datasheet HTML 1Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 2Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 3Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 4Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 5Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 6Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 7Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 8Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
E2A Cylindrical Proximity Sensor
Specifications
■ DC 3-wire Models
Note 1. The response frequency is an average value. Measurement conditions are as follows: standard target, a distance of twice the standard
target distance between targets, and a setting distance of half the sensing distance.
2. When using any model at an ambient temperature between
−40°C and −25°C and a power voltage between 30 and 32 VDC, use a load
current of 100 mA max.,
3. For USA and CANADA : use class 2 circuit only.
Size
M8
M12
Type
Shielded
Non-shielded
Shielded
Non-shielded
Item
E2A-M08
@S02-M1-B1
E2A-M08
@S02-M1-B2
E2A-M08
@S02-M1-C1
E2A-M08
@S02-M1-C2
E2A-S08
@S02-@@-B1
E2A-S08
@S02-@@-B2
E2A-S08
@S02-@@-C1
E2A-S08
@S02-@@-C2
E2A-M08
@N04-M1-B1
E2A-M08
@N04-M1-B2
E2A-M08
@N04-M1-C1
E2A-M08
@N04-M1-C2
E2A-S08
@N04-@@-B1
E2A-S08
@N04-@@-B2
E2A-S08
@N04-@@-C1
E2A-S08
@N04-@@-C2
E2A-M12
@S04-@@-B1
E2A-M12
@S04-@@-B2
E2A-M12
@S04-@@-C1
E2A-M12
@S04-@@-C2
E2A-M12
@N08-@@-B1
E2A-M12
@N08-@@-B2
E2A-M12
@N08-@@-C1
E2A-M12
@N08-@@-C2
Sensing distance
2 mm
± 10%
4 mm
± 10%
4 mm
± 10%
8 mm
± 10%
Setting distance
0 to 1.6 mm
0 to 3.2 mm
0 to 3.2 mm
0 to 6.4 mm
Differential travel
10% max. of sensing distance
Target
Ferrous metal (The sensing distance decreases with non-ferrous metal.)
Standard target (mild steel ST37)
8
×8×1 mm
12
×12×1 mm
12
×12×1 mm
24
×24×1 mm
Response frequency (See note 1.)
1,500 Hz
1,000 Hz
1,000 Hz
800 Hz
Power supply voltage
(operating voltage range)
12 to 24 VDC. Ripple (p-p): 10% max.
(10 to 32 VDC)
Current consumption (DC 3-wire)
10 mA max.
Output type
-B models: PNP open collector
-C models: NPN open collector
Control
output
Load current
(See note 2.)
200 mA max. (32 VDC max.)
Residual voltage
2 V max. (under load current of 200 mA with cable length of 2 m)
Indicator
Operation indicator (Yellow LED)
Operation mode
(with sensing object approaching)
-B1/-C1 models: NO
-B2/-C2 models: NC
For details, refer to the timing charts.
Protection circuit
Power source circuit reverse polarity protection,
Surge suppressor, Short-circuit protection
Output reverse polarity protection, Power source
circuit reverse polarity protection, Surge suppres-
sor, Short-circuit protection
Ambient air temperature
Operating:
−40°C to 70°C, Storage: −40°C to 85°C (with no icing or condensation)
Temperature influence (See note 2.)
±10% max. of sensing distance at 23°C within temperature range of −25°C to 70°C
±15% max. of sensing distance at 23°C within temperature range of −40°C to 70°C
Ambient humidity
Operating: 35% to 95%, Storage: 35% to 95%
Voltage influence
±1% max. of sensing distance in rated voltage range ±15%
Insulation resistance
50 M
Ω min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current carry parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y and Z directions
Shock resistance
500 m/s2, 10 times each in X, Y and Z directions
1,000 m/s2, 10 times each in X, Y and Z directions
Standard and listings (See note 3.)
IEC60529: IP67, Degree of protection
EN60947-5-2: EMC
Connection method
-WP models: Pre-wired models (Standard length: 2 m)
-M1 models: M12 4-pin connector models
-M5 models: M8 3-pin connector models
Weight
(packaged)
Pre-wired model
Approx. 65 g
Approx. 85 g
M12 connector model
M12 connector models: Approx. 20 g
M8 connector models: Approx. 15 g
Approx. 35 g
Material
Case
Stainless steel or brass-nickel plated
Brass-nickel plated
Sensing surface
PBT
Cable
PVC
Clamping nut
Brass-nickel plated


Similar Part No. - E2A-S08KN04-WP-B12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-S08KN04-WP-B12M OMRON-E2A-S08KN04-WP-B12M Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2A-S08KN04-WP-B12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com