Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEA1HKS220I Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEA1HKS220I
Description  Aluminum Electrolytic Capacitors/ KS Radial Lead Type Series: KS Type : A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1HKS220I Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEA1HKS220I Datasheet HTML 1Page - Panasonic Semiconductor ECEA1HKS220I Datasheet HTML 2Page - Panasonic Semiconductor ECEA1HKS220I Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminum Electrolytic Capacitors/ KS
 EE120 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, i=2.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
Endurance : 85
°C 1000h
n
Standard Products
0.22
3
5
2
0.10
0.40
1.0
5.0
2.5
ECEA1HKKR22( )
200
2000
4
5
2
0.10
0.45
1.5
5.0
2.5
ECEA1HKSR22( )
200
2000
0.33
3
5
3
0.10
0.40
1.0
5.0
2.5
ECEA1HKKR33( )
200
2000
4
5
3
0.10
0.45
1.5
5.0
2.5
ECEA1HKSR33( )
200
2000
0.47
3
5
5
0.10
0.40
1.0
5.0
2.5
ECEA1HKKR47( )
200
2000
4
5
5
0.10
0.45
1.5
5.0
2.5
ECEA1HKSR47( )
200
2000
1
3
5
8
0.10
0.40
1.0
5.0
2.5
ECEA1HKK010( )
200
2000
50
4
5
10
0.10
0.45
1.5
5.0
2.5
ECEA1HKS010( )
200
2000
2.2
4
5
16
0.10
0.45
1.5
5.0
2.5
ECEA1HKS2R2( )
200
2000
3.3
4
5
16
0.10
0.45
1.5
5.0
2.5
ECEA1HKS3R3( )
200
2000
4.7
5
5
23
0.10
0.45
2.0
5.0
2.5
ECEA1HKS4R7( )
200
2000
10
6.3
5
35
0.10
0.45
2.5
5.0
2.5
ECEA1HKS100( )
200
2000
22
8
5
60
0.10
0.45
2.5
2.5
ECEA1HKS220( )
200
1000
8
5
60
0.10
0.45
5.0
ECEA1HKS220Q
1000
(mm) (mm)
(mm)
(pcs)
(pcs)
(V)
(µF)
(mm)
(m A )
Lead Space
Specification
Dia. Length
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Ripple
current
(120Hz)
(+85
°C)
Part No.
Taping
Taping
i
B
Min.Packaging Q'ty
Straight
Leads
Taping
i
i
tan
δ
(120Hz)
(+20
°C)
(mm) (mm)


Similar Part No. - ECEA1HKS220I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1HKS220 PANASONIC-ECEA1HKS220 Datasheet
128Kb / 2P
   Radial Lead Type
ECEA1HKS220 PANASONIC-ECEA1HKS220 Datasheet
59Kb / 2P
   Radial Lead Type
ECEA1HKS220Q PANASONIC-ECEA1HKS220Q Datasheet
128Kb / 2P
   Radial Lead Type
ECEA1HKS220Q PANASONIC-ECEA1HKS220Q Datasheet
59Kb / 2P
   Radial Lead Type
More results

Similar Description - ECEA1HKS220I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A1CKS100I PANASONIC-ECE-A1CKS100I Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ KS
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
Panasonic Semiconductor
ECA-1VHG330 PANASONIC-ECA-1VHG330 Datasheet
448Kb / 6P
   Alumlnum Electrolytic Capacitors Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com