Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2A-S08KS02-M5-B1 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E2A-S08KS02-M5-B1
Description  Cylindrical Proximity Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2A-S08KS02-M5-B1 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E2A-S08KS02-M5-B1 Datasheet HTML 6Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 7Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 8Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 9Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 10Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 11Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 12Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 13Page - Omron Electronics LLC E2A-S08KS02-M5-B1 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
E2A Cylindrical Proximity Sensor
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Pre-wired Models (Shielded)
Pre-wired Models (Non-shielded)
3
5
27
40
13
M8
×1
(See note 1.)
E2A-S08KS02-WP-
@@
3
40
5
27
13
6
M8
×1
6 dia.
E2A-S08KN04-WP-
@@
4
50.3
7
34
17
M12
×1
Two, clamping nuts
E2A-M12KS04-WP-
@@
E2A-M12KN08-WP-
@@
47
34
50.3
17
7
9.4 dia.
M12
×1
M18
×1
410
39
59.5
24
E2A-M18KS08-WP-
@@
E2A-M18KN16-WP-
@@
10
39
59.5
24
10
4
15.3 dia.
M18
×1
E2A-M30KS15-WP-
@@
5
10
64.5
44
36
M30
×1.5
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Indicator (See note 2.)
(See note 1.)
(See note 1.)
(See note 1.)
(See note 1.)
(See note 1.)
(See note 1.)
Two, clamping nuts
Indicator (See note 2.)
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Two, clamping nuts
Indicator (See note 2.)
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Two, clamping nuts
Indicator (See note 2.)
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Two, clamping nuts
Indicator (See note 2.)
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Two, clamping nuts
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Indicator (See note 2.)
Two, clamping nuts
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Indicator (See note 2.)
M30
×1.5
(See note 1.)
Two, clamping nuts
Note 1. 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section:
0.3 mm2; insulator diameter: 1.3 mm); standard length: 2 m
2. Operation indicator (yellow)
Indicator (See note 2.)
26.6 dia.
36
5
44
15
10
64.5
E2A-M30KN20-WP-
@@


Similar Part No. - E2A-S08KS02-M5-B1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-S08KS02-M5-B1 OMRON-E2A-S08KS02-M5-B1 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2A-S08KS02-M5-B1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com