Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2E
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E2E Datasheet HTML 2Page - Omron Electronics LLC E2E Datasheet HTML 3Page - Omron Electronics LLC E2E Datasheet HTML 4Page - Omron Electronics LLC E2E Datasheet HTML 5Page - Omron Electronics LLC E2E Datasheet HTML 6Page - Omron Electronics LLC E2E Datasheet HTML 7Page - Omron Electronics LLC E2E Datasheet HTML 8Page - Omron Electronics LLC E2E Datasheet HTML 9Page - Omron Electronics LLC E2E Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
E2E
E2E Model Number Legend
Note: The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
Ask your OMRON representative if you require a customized model.
E2E-
A BCDEFG H I - J - K - L
-
M
No.
Classification
Code
Meaning
Remarks
A
Appearance
C
Cylindrical (not threaded)
X
Cylindrical (threaded)
B
Sensing distance
Number
Sensing distance (Unit: mm)
Example:
R6: 0.6 mm
1R5: 1.5 mm
R
Indication of decimal point
C
Shielding
Blank
Shielded Models
M
Unshielded Models
D
Power supply and output
specifications
B
DC 3-wire PNP open-collector output
Whether D models have
polarity is defined by num-
ber
J.
C
DC 3-wire NPN open-collector output
D
DC 2-wire polarity/no polarity
E
DC 3-wire NPN collector load built-in output
F
DC 3-wire PNP collector load built-in output
T
AC/DC 2-wire
Y
AC 2-wire
E
Form of output switching el-
ement
1
Normally open (NO)
2
Normally closed (NC)
F
Oscillation frequency type
Blank
Standard frequency
Used to prevent mutual in-
terference.
5
Different frequency
G
Self-diagnosis
Blank
No
5Yes
H
Connection method
Blank
Pre-wired
M1
M12-size metal connector
M3
M8-size metal connector
I
Connector specifications
Blank
Connector Models
DC 3-wire and AC 2-wire, DC 2-wire with self-diagnosis output,
DC 2-wire with old pin arrangement (polarity)
G
Connector Models
DC 2-wire with IEC pin arrangement (polarity)
J
Pre-wired Connector Models
DC 3-wire and AC 2-wire, DC 2-wire with IEC pin arrangement
(polarity), DC 3-wire and AC 2-wire, DC 2-wire with self-diagno-
sis output, DC 2-wire with old pin arrangement (polarity)
GJ
Pre-wired Connector Models
DC 2-wire with IEC pin arrangement (polarity)
TJ
Pre-wired Smartclick Connector Models
DC 2-wire with IEC pin arrangement (no polarity)
TGJ
Pre-wired Smartclick Connector Models
DC 2-wire with IEC pin arrangement (polarity)
J
DC 2-wire polarity
Blank
Polarity
T
No polarity
K
Cable specifications
Blank
Standard PVC cable (oil resistant)
R
Flexible PVC cable (oil resistant)
U
Polyurethane cable (oil resistant and reinforced)
L
New model
N
New model (Applies only to DC 2-wire pre-wired and shielded
models.)
This is blank if the cable
specification in number
K
is R or U.
M
Cable length
Letter M
Cable length (Unit: m) (Applicable to Pre-wired Models and Pre-
wired Connector Models.)
Example:
2M
0.3M


Similar Part No. - E2E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E OMRON-E2E Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E OMRON-E2E Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
Yea Shin Technology Co....
E2E YEASHIN-E2E Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
Omron Electronics LLC
E2E-C1B1 OMRON-E2E-C1B1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-C1B2 OMRON-E2E-C1B2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX2E1 OMRON-E2EX2E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
   the switch stops the compressor and starts the pump
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
   Connect your legacy audio gear to the Dante world.
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com