Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL375 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 4 Page - Analog Devices

  ADXL375 Datasheet HTML 1Page - Analog Devices ADXL375 Datasheet HTML 2Page - Analog Devices ADXL375 Datasheet HTML 3Page - Analog Devices ADXL375 Datasheet HTML 4Page - Analog Devices ADXL375 Datasheet HTML 5Page - Analog Devices ADXL375 Datasheet HTML 6Page - Analog Devices ADXL375 Datasheet HTML 7Page - Analog Devices ADXL375 Datasheet HTML 8Page - Analog Devices ADXL375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 4 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration, Any Axis
Unpowered
10,000 g
Powered
10,000 g
VS
−0.3 V to +3.9 V
VDD I/O
−0.3 V to +3.9 V
Digital Pins
−0.3 V to VDD I/O + 0.3 V or 3.9 V,
whichever is less
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
Temperature Range
Powered
−40°C to +105°C
Storage
−40°C to +105°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Package Characteristics
Package Type
θJA
θJC
Unit
14-Terminal LGA
150
85
°C/W
ESD CAUTION


Similar Part No. - ADXL375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL372BCCZ-RL AD-ADXL372BCCZ-RL Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL372BCCZ-RL7 AD-ADXL372BCCZ-RL7 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL373BCCZ-RL AD-ADXL373BCCZ-RL Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
More results

Similar Description - ADXL375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL314 AD-ADXL314_V01 Datasheet
1Mb / 27P
   ±200 g Range, 3-Axis Digital Accelerometer
Rev. A
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
   짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
   3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
   3-Axis Low-g Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com