Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4200-500E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4200-500E
Description  Optically Coupled 20 mA Current Loop Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200-500E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Notes:
1. ≤ 1 μs pulse width, 300 pps.
2. Derate linearly above 70°C free air temperature at a rate of 1.6 mW/ °C. Proper application of the derating factors will prevent IC junction
temperatures from exceeding 125°C for ambient temperatures up to 85°C.
3. Derate linearly above 70°C free air temperature at a rate of 3.8 mW/ °C.
4. Derate linearly above 70°C free air temperature at a rate of 4.6 mW/ °C.
5. Duration of output short circuit time shall not exceed 10 ms.
6. The device is considered a two terminal device, pins 1, 2, 3, and 4 are connected together and pins 5, 6, 7, and 8 are connected together.
7. The t
PLH
propagation delay is measured from the 10 mA level on the leading edge of the input pulse to the 1.3 V level on the leading edge of
the output pulse.
8. The t
PHL
propagation delay is measured from the 10 mA level on the trailing edge of the input pulse to the 1.3 V level on the trailing edge of the
output pulse.
9. The rise time, t
r
, is measured from the 10% to the 90% level on the rising edge of the output logic pulse.
10. The fall time, t
f
, is measured from the 90% to the 10% level on the falling edge of the output logic pulse.
11. Common mode transient immunity in the logic high level is the maximum (negative) dV
CM
/dt on the trailing edge of the common mode pulse,
V
CM
, which can be sustained with the output voltage in the logic high state (i.e., V
O
≥ 2 V).
12. Common mode transient immunity in the logic low level is the maximum (positive) dV
CM
/dt on the leading edge of the common mode pulse,
V
CM
, which can be sustained with the output voltage in the logic low state (i.e., V
O
≤ 0.8 V).
13. Use of a 0.1 μF bypass capacitor connected between pins 5 and 8 is recommended.
14. In accordance with UL 1577, each optocoupler momentary withstand is proof tested by applying an insulation test voltage ≥ 4500 V rms for 1
second (leakage detection current limit, I
i-o
≤ 5 μA).
Figure 5. Typical Input Voltage vs. Temperature.
Figure 6. Typical Logic Low Output Voltage vs.
Temperature.
Figure 7. Typical Logic High Output Current vs.
Temperature.
-50
100
2.8
2.2
TA – AMBIENT TEMPERATURE –°C
-25
0
25
2.6
50
75
2.4
II = 12 mA
II = 20 mA
-60
100
1.0
0
TA – TEMPERATURE –°C
-40
0
20
0.7
60
80
0.3
40
-20
0.9
0.8
0.6
0.5
0.4
0.2
0.1
VCC = 4.5 V
II = 3 mA
IO = 6.4 mA
-60
100
0
-8
TA – TEMPERATURE –°C
-40
0
20
-3
60
80
-6
40
-20
-1
-2
-4
-5
-7
VCC = 4.5 V
II = 12 mA
VO = 2.7 V
VO = 2.4 V
Figure 2. Typical Output Voltage vs. Loop Cur-
rent.
Figure 3. Typical Current Switching Threshold vs.
Temperature.
-50
100
10
0
TA – AMBIENT TEMPERATURE –°C
-25
0
25
6
2
50
75
4
IHYS
8
Figure 4. Typical Input Loop Voltage vs. Input
Current.


Similar Part No. - HCPL-4200-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
More results

Similar Description - HCPL-4200-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com