Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE428E2502H102M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE428E2502H102M
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE428E2502H102M Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE428E2502H102M Datasheet HTML 1Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 2Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 3Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 4Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 5Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 6Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 7Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 8Page - Vishay Siliconix NTCLE428E2502H102M Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
2
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) NTCLE413E2103H301C:
“C” = Connector MOLEX 50212-8000 or equivalent. Connector housing, 2 poles. MOLEX 35507-0200 Sherlock 2.0 mm.
(2) Preferred types are marked in bold
GENERAL ORDER INFORMATION
PART NUMBER: NTC L E413 E2 103 H 400
PRODUCT
FAMILY
EXECUTION
TYPE
RoHS COMPLIANCE
TERMINATION TYPE
R25-VALUE
R25 TOL.
LEAD LENGTH
ADDITIONAL
INFORMATION
NTC
L = Leaded
E413 =
Epoxy,
PVC
Awg#30
105 °C
UL2651
E428 =
Epoxy,
PVC
Awg#30
105°C
single
hook-up
E2 = Sn alloy
E3 = Pure Sn
E4 = Pure metal
(other than Sn)
472 = 47 x 102
 = 4700 
502 = 50 x 102
 = 5000 
103 = 10 x 103
 = 10 000 
473 = 47 x 103
 = 47 000 
104 = 10 x 104
 = 100 000 
F = 1 %
G = 2 %
H = 3 %
J = 5 %
abc = ab x 10c
(in millimeters)
Examples:
400 = 40 x 100 = 40 mm
102 = 10 x 102 = 1000 mm
Blank = No special
Special B25/85 value:
L (low):
3000
 B
25/85 < 3500
M (medium):
3500
 B
25/85 < 3750
H (high):
3750
 B
25/85 < 4000
X (very high):
4000
 B
25/85 < 4250
Cxxxxx = Customized
C:
With 2 poles connector
MOLEX 50212-8000/
MOLEX 35507-0200,
pitch 2 mm
ELECTRICAL DATA AND ORDERING INFORMATION
SAP MATERIAL AND ORDERING NUMBER (2)
R25
B25/85
L
R/T TABLE
k
± %
K
± %
mm
± mm
NTCLE413E2472H400
NTCLE428E3472H400
4.7
3
3984
0.5
40
5
Table 1
NTCLE413E2502H400
NTCLE428E3502H400
5
3
3984
0.5
40
5
Table 2
NTCLE413E2103F400L
NTCLE428E3103F400L
10
1
3435
1
40
5
Table 3
NTCLE413E2103F520L
NTCLE428E3103F520L
10
1
3435
1
52
5
Table 3
NTCLE413E2103F102L
-
10
1
3435
1
1000
20
Table 3
NTCLE413E2103J520L
-
10
5
3435
1
52
5
Table 4
NTCLE413E2103H400
NTCLE428E3103H400
10
3
3984
0.5
40
5
Table 5
NTCLE413E3103H301C (1)
NTCLE428E3103H301
10
3
3984
0.5
300
10
Table 5
NTCLE413E2103H401
-
10
3
3984
0.5
400
10
Table 5
NTCLE413E2473H400
NTCLE428E3473H400
47
3
4090
1.5
40
5
Table 6
NTCLE413E2104H400
-
100
3
4190
1.5
40
5
Table 7
CL
T
N
E
4
1
3
E
210
3
0
H
4
0


Similar Part No. - NTCLE428E2502H102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE428E3103F400L VISHAY-NTCLE428E3103F400L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE428E3103F400L VISHAY-NTCLE428E3103F400L Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE428E3103F404A VISHAY-NTCLE428E3103F404A Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE428E3103F520L VISHAY-NTCLE428E3103F520L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE428E3103F520L VISHAY-NTCLE428E3103F520L Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE428E2502H102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com