Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SL-L2-3V Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # TQ2SL-L2-3V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2SL-L2-3V Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button TQ2SL-L2-3V Datasheet HTML 3Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 4Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 5Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 6Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 7Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 8Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 9Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 10Page - Panasonic Semiconductor TQ2SL-L2-3V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
2. Surface-mount terminal
Schematic (Top view)
NOTES
Type
External dimensions (General tolerance:
±0.3 ±.012)
Suggested mounting pad (Top view) (Tolerance:
±0.1 ±.004)
SA type
SL type
SS type
CAD Data
0.5
.020
5.6
.220
2.54
4.9
.010
0.2
.008
14
9
7.62
11.5
±0.5
.100
.193
0.25
.551
.354
.300
.453
±.020
2.54
.039
14
.551
2.94
9.56
.100
1
.116
.376
0.5
Max.7.5
2.54
14
4.9
.010
9
7.62
11.5
±0.5
.020
.295
.100
.193
0.25
.551
.354
.300
.453
±.020
2.54
.039
2.94
9.56
.100
1
.116
.376
0.5
.020
Max.7.5
.295
2.54
.100
4.9
.193
.010
0.25
14
.551
9
.354
7.62
.300
9.3
±0.5
.366
±.020
2.54
.100
.039
1
1.84
.072
8.46
.333
Single side stable
(Deenergized condition)
1-coil latching
(Reset condition)
2-coil latching
(Reset condition)
10
Direction indication
9
876
12
345
+
+
10
Direction indication
9
876
12
345
+
+−
10
Direction indication
9
876
12
345
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing (surface-mount
terminal type)
(1) Tape dimensions
(i) SA type
mm inch
(ii) SL, SS type
mm inch
(2) Dimensions of plastic reel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
9.8 N {1 kgf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
Orientation (indicates PIN No.1) stripe
Stopper (gray)
Stopper (green)
TQ-SMD relays
Tape coming out direction
6.3
.069
14.6
.575
±0.2
.248±.008
1.75
±0.3
24.0
±.012
.945
12.3
16.0
.484
.630
.059
dia.
+.004
0
1.5
dia.
+0.1
0
Relay polarity bar
(Z type)
0.4
.016
2.0
.079
.157
4.0
11.5
.453
Note) *SS type
TQ-SMD relays
Tape coming out direction
.157
2.0
0.4
7.8
.069
14.6
.575
.016
±0.2
.307±.008
.079
4.0
1.75
±0.3
24.0
±.012
.945
12.3
16.0
.484
(10.1
.398)*
.630
.059
dia.
+.004
0
1.5
dia.
+0.1
0
Relay polarity bar
(Z type)
11.5
.453
.827 dia.
21 dia.
.512 dia.
13 dia.
.079
2.0
±1
80
330
dia.
dia.
±2
±.039
3.150
12.992
dia.
dia.
±.079
For general cautions for use,
please refer to the “Cautions for
use of Signal Relays” or “General
Application Guidelines”.
A
C
B


Similar Part No. - TQ2SL-L2-3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2SL-L2-3V NAIS-TQ2SL-L2-3V Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
TQ2SL-L2-3V-Z NAIS-TQ2SL-L2-3V-Z Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
More results

Similar Description - TQ2SL-L2-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com