Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXN330238J Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXN330238J
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN330238J Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXN330238J Datasheet HTML 3Page - Panasonic Semiconductor AXN330238J Datasheet HTML 4Page - Panasonic Semiconductor AXN330238J Datasheet HTML 5Page - Panasonic Semiconductor AXN330238J Datasheet HTML 6Page - Panasonic Semiconductor AXN330238J Datasheet HTML 7Page - Panasonic Semiconductor AXN330238J Datasheet HTML 8Page - Panasonic Semiconductor AXN330238J Datasheet HTML 9Page - Panasonic Semiconductor AXN330238J Datasheet HTML 10Page - Panasonic Semiconductor AXN330238J Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
3) Socket and header are mated
Dimension table (mm)
Note: Common for all mated
heights.
No. of pins
A
12
8.45
14
9.25
16
10.05
20
11.65
22
12.45
24
13.25
26
14.05
30
15.65
34
17.25
40
19.65
50
25.85
60
29.85
64
31.45
80
37.85
100
45.85
Mated height
B
3.0mm
3.00
3.5mm
3.50
4.0mm
4.00
4.5mm
4.50
5.0mm
5.00
5.5mm
5.50
6.0mm
6.00
7.0mm
7.00
8.0mm
8.00
13.0mm
13.00
14.0mm
14.00
A
B
+0.3
–0
6.83
• Mated height 11.5mm type (Socket and Header)
(30 pin contacts, 40 pin contacts, 50 pin contacts)
Dimension table (mm)
No. of
pins
A
B
C
D
E
F
G
H
30
18.90
15.30
14.00
18.90
11.20
14.00
11.20
19.50
40
22.90
19.30
18.00
22.90
15.20
18.00
15.20
23.50
50
26.90
23.30
22.00
26.90
19.20
22.00
19.20
27.50
General tolerance:
±0.3
A
B
D
X
Y
E
±0.15
0.70
8.35
0.80
±0.1
0.80
±0.1
0.35
±0.1
C
±0.15
1.1
±0.1 dia. 0.8±0.1 dia.
Recommended PC board pattern
(TOP VIEW)
F
±0.05
G
±0.05
H
±0.1
2.00
±0.1
2.30
±0.1
0.50
±0.05
0.80
±0.05
1.2
dia. hole
+0.1
0
0.80
±0.05
0.9
dia. hole
+0.1
0
X-Y cross section
Stacking mated diagram
0.15
Terminal coplanarity
8.35
8.6
0.7
1.2
11.5
CAD Data


Similar Part No. - AXN330238J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results

Similar Description - AXN330238J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com