Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-212DT Datasheet(PDF) 2 Page - Rohm

Part # SML-212DT
Description  Abundant color variations with diverse luminous intensity types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-212DT Datasheet(HTML) 2 Page - Rohm

  SML-212DT Datasheet HTML 1Page - Rohm SML-212DT Datasheet HTML 2Page - Rohm SML-212DT Datasheet HTML 3Page - Rohm SML-212DT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE:VF (V)
100
10
2.5
2.0
1.5
1
Ta=25°C
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
30
40
-40
-20
0
20
40
60
80
100
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
0.5
1.0
1.5
Ta=25°C
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
100
10
1
0.1
FORWARD VOLTAGE:VF (V)
2.0
1.5
2.5
Ta=25°C
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
2
4
6
8
10
12
Ta=25°C
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=2mA
FORWARD VOLTAGE:VF (V)
100
10
2.5
2.0
1.5
1
Ta=25°C
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
FORWARD CURRENT:IF (mA)
0
5
10
15
20
25
0
0.5
1.0
1.5
Ta=25¡C
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-212VT
SML-212DT
SML-212YT
SML-212U2T(A)
SML-212WT(A)
SML-212VT
SML-212DT
SML-212YT
SML-212U2T(A)
SML-212WT(A)
SML-212VT
SML-212DT
SML-212YT
SML-212U2T(A)
SML-212WT(A)
SML-212VT
SML-212DT
SML-212YT
SML-212U2T(A)
SML-212WT(A)
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-210VT
SML-210DT
SML-210YT
SML-210MT
SML-210PT
SML-210VT
SML-210DT
SML-210YT
SML-210MT
SML-210PT
SML-210VT
SML-210DT
SML-210YT
SML-210MT
SML-210PT
SML-210VT
SML-210DT
SML-210YT
SML-210MT
SML-210PT
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-21 Series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.08 - Rev.B


Similar Part No. - SML-212DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-212DT ROHM-SML-212DT Datasheet
70Kb / 3P
   Ultra high brightness chip LEDs
logo
List of Unclassifed Man...
SML-212DT ETC1-SML-212DT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-212DT ROHM-SML-212DT Datasheet
136Kb / 3P
   SML-21 Series
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-212DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
logo
Vishay Siliconix
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com