Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP361MUTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP361MUTBG
Description  USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP361MUTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP361MUTBG Datasheet HTML 1Page - ON Semiconductor NCP361MUTBG Datasheet HTML 2Page - ON Semiconductor NCP361MUTBG Datasheet HTML 3Page - ON Semiconductor NCP361MUTBG Datasheet HTML 4Page - ON Semiconductor NCP361MUTBG Datasheet HTML 5Page - ON Semiconductor NCP361MUTBG Datasheet HTML 6Page - ON Semiconductor NCP361MUTBG Datasheet HTML 7Page - ON Semiconductor NCP361MUTBG Datasheet HTML 8Page - ON Semiconductor NCP361MUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP361, NCV361
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Min/Max limits values (−40°C < TA < +85°C) and Vin = +5.0 V. Typical values are TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
Vin
1.2
20
V
Undervoltage Lockout Threshold
UVLO
Vin falls down UVLO threshold
2.85
3.0
3.15
V
Uvervoltage Lockout Hysteresis
UVLOhyst
50
70
90
mV
Overvoltage Lockout Threshold
OVLO
Vin rises up OVLO threshold
5.43
5.675
5.9
V
Overvoltage Lockout Hysteresis
OVLOhyst
50
100
125
mV
Vin versus Vout Dopout
Vdrop
Vin = 5 V, I charge = 500 mA
150
200
mV
Overcurrent Limit
Ilim
Vin = 5 V
550
750
950
mA
Supply Quiescent Current
Idd
No Load, Vin = 5.25 V
20
35
mA
Standby Current
Istd
Vin = 5 V, EN = 1.2 V
26
37
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
0.08
mA
FLAG Output Low Voltage
Volflag
Vin > OVLO
Sink 1 mA on FLAG pin
400
mV
FLAG Leakage Current
FLAGleak
FLAG level = 5 V
5.0
nA
EN Voltage High
Vih
Vin from 3.3 V to 5.5 V
1.2
V
EN Voltage Low
Vil
Vin from 3.3 V to 5.5 V
0.55
V
EN Leakage Current
ENleak
EN = 5.5 V or GND
170
nA
TIMINGS
Start Up Delay
ton
From Vin > UVLO to Vout = 0.8xVin, See Fig 3 & 9
4.0
15
ms
FLAG going up Delay
tstart
From Vin > UVLO to FLAG = 1.2 V, See Fig 3 & 10
3.0
ms
Output Turn Off Time
toff
From Vin > OVLO to Vout ≤ 0.3 V, See Fig 4 & 11
Vin increasing from 5 V to 8 V at 3 V/ms.
No output capacitor.
0.7
1.5
ms
Alert Delay
tstop
From Vin > OVLO to FLAG ≤ 0.4 V, See Fig 4 & 12
Vin increasing from 5 V to 8 V at 3 V/ms
1.0
ms
Disable Time
tdis
From EN 0.4 to 1.2V to Vout ≤ 0.3 V, See Fig 5 & 13
Vin = 4.75 V.
No output capacitor.
3.0
ms
Thermal Shutdown Temperature
Tsd
150
°C
Thermal Shutdown Hysteresis
Tsdhyst
30
°C


Similar Part No. - NCP361MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP361MUTBG ONSEMI-NCP361MUTBG Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361MUTBG ONSEMI-NCP361MUTBG Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
More results

Similar Description - NCP361MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com