Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SL-L-1.5V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # TQ2SL-L-1.5V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2SL-L-1.5V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  TQ2SL-L-1.5V Datasheet HTML 1Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 2Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 3Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 4Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 5Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 6Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 7Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 8Page - Panasonic Semiconductor TQ2SL-L-1.5V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
■ Surface-mount terminal
1) Tube packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SL type: L, SS type: S
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
2) Tape and reel packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SL type: L, SS type: S
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Note: Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
RATING
■ Standard PC board terminal and self-clinching terminal
1. Coil data
[Standard (B.B.M.) type]
1) Single side stable (2 Form C)
2) 1 coil latching (2 Form C)
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching
Part No.
Part No.
Part No.
2c
1.5V DC
TQ2S -1.5V
TQ2S -L-1.5V
TQ2S -L2-1.5V
3V DC
TQ2S -3V
TQ2S -L-3V
TQ2S -L2-3V
4.5V DC
TQ2S -4.5V
TQ2S -L-4.5V
TQ2S -L2-4.5V
5V DC
TQ2S -5V
TQ2S -L-5V
TQ2S -L2-5V
6V DC
TQ2S -6V
TQ2S -L-6V
TQ2S -L2-6V
9V DC
TQ2S -9V
TQ2S -L-9V
TQ2S -L2-9V
12V DC
TQ2S -12V
TQ2S -L-12V
TQ2S -L2-12V
24V DC
TQ2S -24V
TQ2S -L-24V
TQ2S -L2-24V
48V DC
TQ2S -48V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TQ2S -1.5V-Z
TQ2S -L-1.5V-Z
TQ2S -L2-1.5V-Z
3V DC
TQ2S -3V-Z
TQ2S -L-3V-Z
TQ2S -L2-3V-Z
4.5V DC
TQ2S -4.5V-Z
TQ2S -L-4.5V-Z
TQ2S -L2-4.5V-Z
5V DC
TQ2S -5V-Z
TQ2S -L-5V-Z
TQ2S -L2-5V-Z
6V DC
TQ2S -6V-Z
TQ2S -L-6V-Z
TQ2S -L2-6V-Z
9V DC
TQ2S -9V-Z
TQ2S -L-9V-Z
TQ2S -L2-9V-Z
12V DC
TQ2S -12V-Z
TQ2S -L-12V-Z
TQ2S -L2-12V-Z
24V DC
TQ2S -24V-Z
TQ2S -L-24V-Z
TQ2S -L2-24V-Z
48V DC
TQ2S -48V-Z
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
46.7mA
64.3
140mW
150%V of
nominal voltage
4.5V DC
31.1mA
144.6
5V DC
28.1mA
178
6V DC
23.3mA
257
9V DC
15.5mA
579
12V DC
11.7mA
1,028
24V DC
8.3mA
2,880
200mW
48V DC
6.25mA
7,680
300mW
120%V of
nominal voltage
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
33.3mA
90
100mW
150%V of
nominal voltage
4.5V DC
22.2mA
202.5
5V DC
20mA
250
6V DC
16.7mA
360
9V DC
11.1mA
810
12V DC
8.3mA
1,440
24V DC
6.3mA
3,840
150mW


Similar Part No. - TQ2SL-L-1.5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2SL-L-1.5V NAIS-TQ2SL-L-1.5V Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
TQ2SL-L-1.5V-Z NAIS-TQ2SL-L-1.5V-Z Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
More results

Similar Description - TQ2SL-L-1.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com