Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3209JCPZ-RL Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADP3209JCPZ-RL
Description  5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3209JCPZ-RL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADP3209JCPZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 9Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 10Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 11Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 12Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 13Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP3209
Rev. 2 | Page 10 of 32 | www.onsemi.com
TYPICAL PERFORMANCE CHARACTERISTICS
VVID = 1.5 V, TA = 20°C to 100°C, unless otherwise noted.
90
50
020
LOAD CURRENT (A)
85
80
75
70
65
60
55
510
15
FWS = 554.3kHz
VIN = 8V
VIN = 12V
VIN = 19V
Figure 4. PWM Mode Efficiency vs. Load Current
95
65
020
LOAD CURRENT (A)
90
85
80
75
70
510
15
VIN = 8V
VIN = 19V
VIN = 12V
Figure 5. RPM Mode Efficiency vs. Load Current
100
40
020
LOAD CURRENT (A)
90
80
70
60
50
510
15
PWM
RPM
VIN = 12V
Figure 6. Efficiency vs. Load Current in All Modes
440
40
020
LOAD CURRENT (A)
390
340
290
240
190
140
90
510
15
VIN = 12V
Figure 7. Switching Frequency vs. Load Current in RPM Mode
800
0
015
OUTPUT POWER (W)
700
600
500
400
300
200
100
510
Figure 8. PMON Voltage vs. Output Power
10000
10
10
10000
RT RESISTANCE (k
Ÿ)
100
1000
100
1000
VID = 0.675V
VID = 1.5V
VID = 1.2V
Figure 9. Switching Frequency vs. RT Resistance


Similar Part No. - ADP3209JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
More results

Similar Description - ADP3209JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
International Rectifier
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com