Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37986N1100K000 Datasheet(PDF) 8 Page - EPCOS

Part # B37986N1100K000
Description  Multilayer Ceramic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37986N1100K000 Datasheet(HTML) 8 Page - EPCOS

Back Button B37986N1100K000 Datasheet HTML 4Page - EPCOS B37986N1100K000 Datasheet HTML 5Page - EPCOS B37986N1100K000 Datasheet HTML 6Page - EPCOS B37986N1100K000 Datasheet HTML 7Page - EPCOS B37986N1100K000 Datasheet HTML 8Page - EPCOS B37986N1100K000 Datasheet HTML 9Page - EPCOS B37986N1100K000 Datasheet HTML 10Page - EPCOS B37986N1100K000 Datasheet HTML 11Page - EPCOS B37986N1100K000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X7R
Multilayer ceramic capacitors
Ordering codes and packing for X7R, 50 VDC, lead spacing 5.0 mm
Ammo packing
Reel packing
Bulk
**
54
**
51
**
00
CR
Ordering code1)
pcs
pcs/reel
pcs
B37981, 50 VDC
3.3 nF
B37981F5332K0**
2500
2500
2000
4.7 nF
B37981F5472K0**
2500
2500
2000
6.8 nF
B37981F5682K0**
2500
2500
2000
10. nF
B37981F5103K0**
2500
2500
2000
15. nF
B37981F5153K0**
2500
2500
2000
22. nF
B37981F5223K0**
2500
2500
2000
33. nF
B37981F5333K0**
2500
2500
2000
47. nF
B37981F5473K0**
2500
2500
2000
B37987, 50 VDC
68. nF
B37987F5683K0**
2500
2500
2000
100. nF
B37987F5104K0**
2500
2500
2000
150. nF
B37987F5154K0**
2500
2500
2000
220. nF
B37987F5224K0**
2500
2500
2000
B37984, 50 VDC
330. nF
B37984M5334K0**
2000
2000
2000
470. nF
B37984M5474K0**
2000
2000
2000
680. nF
B37984M5684K0**
2000
2000
2000
1.0
mF
B37984M5105K0**
2000
2000
2000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
^
^
^
X7R


Similar Part No. - B37986N1100K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37986N1100K051 EPCOS-B37986N1100K051 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
B37986N1100K054 EPCOS-B37986N1100K054 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37986N1100K000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com