Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SL-24V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TQ2SL-24V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2SL-24V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TQ2SL-24V Datasheet HTML 1Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 2Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 3Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 4Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 5Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 6Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 7Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 8Page - Panasonic Semiconductor TQ2SL-24V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
TYPES
■ Standard PC board terminal and self-clinching terminal
1. Standard (B.B.M.) type
1) Standard PC board terminal
Standard packing (2 Form C): Tube: 50 pcs.; Case: 1,000 pcs.
2) Self-clinching terminal
Note: Types (“-3” to the end of part No.) designed to withstand strong vibration caused, for example, by the use of terminal cutters, can also be ordered.
However, please contact us if you need parts for use in low level load.
2. M.B.B. type
1) Standard PC board terminal
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
2) Self-clinching terminal
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
Notes: 1. Latching types are available by request. Please consult us for details.
2. UL/CSA approved (UL file No.:E 43149, CSA file No.: LR26550)
3. Types (“-1” to the end of part No.) designed to withstand strong vibration caused, for example, by the use of terminal cutters, can also be ordered.
However, please contact us if you need parts for use in low level load and low thermal power.
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching
Part No.
Part No.
Part No.
2 Form C
3V DC
TQ2-3V
TQ2-L-3V
TQ2-L2-3V
4.5V DC
TQ2-4.5V
TQ2-L-4.5V
TQ2-L2-4.5V
5V DC
TQ2-5V
TQ2-L-5V
TQ2-L2-5V
6V DC
TQ2-6V
TQ2-L-6V
TQ2-L2-6V
9V DC
TQ2-9V
TQ2-L-9V
TQ2-L2-9V
12V DC
TQ2-12V
TQ2-L-12V
TQ2-L2-12V
24V DC
TQ2-24V
TQ2-L-24V
TQ2-L2-24V
48V DC
TQ2-48V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching
Part No.
Part No.
Part No.
2 Form C
3V DC
TQ2H-3V
TQ2H-L-3V
TQ2H-L2-3V
4.5V DC
TQ2H-4.5V
TQ2H-L-4.5V
TQ2H-L2-4.5V
5V DC
TQ2H-5V
TQ2H-L-5V
TQ2H-L2-5V
6V DC
TQ2H-6V
TQ2H-L-6V
TQ2H-L2-6V
9V DC
TQ2H-9V
TQ2H-L-9V
TQ2H-L2-9V
12V DC
TQ2H-12V
TQ2H-L-12V
TQ2H-L2-12V
24V DC
TQ2H-24V
TQ2H-L-24V
TQ2H-L2-24V
48V DC
TQ2H-48V
Contact arrangement
Nominal coil voltage
Single side stable
Part No.
2 Form C
3V DC
TQ2-2M-3V
4.5V DC
TQ2-2M-4.5V
5V DC
TQ2-2M-5V
6V DC
TQ2-2M-6V
9V DC
TQ2-2M-9V
12V DC
TQ2-2M-12V
24V DC
TQ2-2M-24V
Contact arrangement
Nominal coil voltage
Single side stable
Part No.
2 Form C
3V DC
TQ2H-2M-3V
4.5V DC
TQ2H-2M-4.5V
5V DC
TQ2H-2M-5V
6V DC
TQ2H-2M-6V
9V DC
TQ2H-2M-9V
12V DC
TQ2H-2M-12V
24V DC
TQ2H-2M-24V


Similar Part No. - TQ2SL-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2SL-24V NAIS-TQ2SL-24V Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
TQ2SL-24V-Z NAIS-TQ2SL-24V-Z Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
More results

Similar Description - TQ2SL-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com