Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQ1AP-18V-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # JQ1AP-18V-F
Description  1a/1c 5A/10A small power relays Class B coil insulation type also available.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JQ1AP-18V-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  JQ1AP-18V-F Datasheet HTML 1Page - Panasonic Semiconductor JQ1AP-18V-F Datasheet HTML 2Page - Panasonic Semiconductor JQ1AP-18V-F Datasheet HTML 3Page - Panasonic Semiconductor JQ1AP-18V-F Datasheet HTML 4Page - Panasonic Semiconductor JQ1AP-18V-F Datasheet HTML 5Page - Panasonic Semiconductor JQ1AP-18V-F Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JQ
ASCTB185E 201202-T
ORDERING INFORMATION
TYPES
1) Standard type
Standard packing: Carton 100 pcs., Case 500 pcs.
1a/1c 5A/10A small power
relays
JQ RELAYS
Nominal coil voltage
Standard type
High capacity type
1 Form A
1 Form C
1 Form A
1 Form C
Part No.
Part No.
Part No.
Part No.
5V DC
JQ1a-5V-F
JQ1-5V-F
JQ1aP-5V-F
JQ1P-5V-F
6V DC
JQ1a-6V-F
JQ1-6V-F
JQ1aP-6V-F
JQ1P-6V-F
9V DC
JQ1a-9V-F
JQ1-9V-F
JQ1aP-9V-F
JQ1P-9V-F
12V DC
JQ1a-12V-F
JQ1-12V-F
JQ1aP-12V-F
JQ1P-12V-F
18V DC
JQ1a-18V-F
JQ1-18V-F
JQ1aP-18V-F
JQ1P-18V-F
24V DC
JQ1a-24V-F
JQ1-24V-F
JQ1aP-24V-F
JQ1P-24V-F
48V DC
JQ1-48V-F
JQ1P-48V-F
VDE
RoHS compliant
FEATURES
• High electrical noise immunity
• High switching capacity in a compact
package
• High sensitivity: 200 mW (1a),
400 mW (1c)
• High surge voltage: 8,000 V between
contacts and coil
• UL, CSA, VDE, SEMKO approved and
TÜV available
• Class B coil insulation type also
available.
TYPICAL APPLICATIONS
• Air conditioners
• Refrigerators
• Microwave ovens
• Heaters
Contact arrangement
1a: 1 Form A
1 : 1 Form C
Contact capacity
Nil:
P:
Standard (5A)
High capacity (10A)
JQ
F
Coil insulation class
Nil:
B:
Class E coil insulation
Class B coil insulation (UL)
Contact material
F: AgSnO2 type
Nominal coil voltage (DC)
5V, 6V, 9V, 12V, 18V, 24V, 48V*
Certified by UL, CSA, VDE and SEMKO
Note: *Available only for 1 Form C type


Similar Part No. - JQ1AP-18V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1aP-18V-F PANASONIC-JQ1aP-18V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
More results

Similar Description - JQ1AP-18V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1A-5V-F PANASONIC-JS1A-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com