Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-343VR Datasheet(PDF) 3 Page - Rohm

Part # SLR-343VR
Description  Competent to direct mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343VR Datasheet(HTML) 3 Page - Rohm

  SLR-343VR Datasheet HTML 1Page - Rohm SLR-343VR Datasheet HTML 2Page - Rohm SLR-343VR Datasheet HTML 3Page - Rohm SLR-343VR Datasheet HTML 4Page - Rohm SLR-343VR Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLR-343 Series
Rank Reference of Brightness
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343VC
Diffused Colored
SLR-343VR
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343DC
Diffused Colored
SLR-343DU
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343YC
Diffused Colored
SLR-343YY
Red (V)
(Ta=25˚C, IF=10mA)
Orange (D)
Yellow (Y)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Green (M, P)
Bluish Green (E)
Blue (B)
White (WB)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
P
Q
R
ST
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343MC
Diffused Colored
SLR-343MG
Diffused Colored
SLR-343PG
Transparent Colored
SLR-343PC
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
150 to
220
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent
Colorless
SLR343EC4T
SLR343ECT
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
150 to
220
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent
Colorless
SLR343BC7T
SLR343BC4T
SLR343BCT
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3 Circular
type
40˚
Transparent Colorless
SLR343WBC7T
※Brightness on specification sheet include tolerance of within ± 10%.
(Ta=25˚C, IF=10mA)
3/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D


Similar Part No. - SLR-343VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343VR ROHM-SLR-343VR Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343VR ROHM-SLR-343VR Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343VR ROHM-SLR-343VR Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343VR ROHM-SLR-343VR Datasheet
164Kb / 5P
   Electrical Characteristics Curves
SLR-343VR ROHM-SLR-343VR Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-343VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343WBD2PT3 ROHM-SLR343WBD2PT3 Datasheet
126Kb / 3P
   Competent to direct mount
logo
Mallory Sonalert Produc...
J-NUT MSPI-J-NUT Datasheet
31Kb / 1P
   Direct Mount Nut
logo
Weidmuller
0274120000 WEIDMULLER-0274120000 Datasheet
446Kb / 1P
   Direct Mount Terminals
logo
KODENSHI_AUK CORP.
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
   PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
   PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
   PWB direct mount type
logo
Taoglas antenna solutio...
TL101HH11 TAOGLAS-TL101HH11 Datasheet
1Mb / 24P
   Wideband Direct Mount antenna
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com