Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SA-L2-24V-Z Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TQ2SA-L2-24V-Z
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2SA-L2-24V-Z Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button TQ2SA-L2-24V-Z Datasheet HTML 2Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 3Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 4Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 5Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 6Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 7Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 8Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 9Page - Panasonic Semiconductor TQ2SA-L2-24V-Z Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (TX/TX-S/TX-D relay AgPd contact type are available for low level load switching [10V DC, 10mA max. level])
*2 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 75 m
Ω (By voltage drop 6 V DC 1A)
Contact material
AgNi type+Au clad
Rating
Nominal switching capacity
2 A 30 V DC, 0.5 A 125 V AC (resistive load)
Max. switching power
60 W (DC), 62.5 VA (AC) (resistive load)
Max. switching voltage
220 V DC, 125 V AC
Max. switching current
2 A
Min. switching capacity (Reference value)*1
10
µA 10mV DC
Nominal operating
power
Single side stable
140 mW (1.5 to 12 V DC), 200 mW (24 V DC), 300 mW (48 V DC)
1 coil latching
70 mW (1.5 to 12 V DC), 100 mW (24 V DC)
2 coil latching
140 mW (1.5 to 12 V DC), 200 mW (24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
1,500 Vrms for 1 min. (Detection current: 10 mA)
Between contact sets
1,500 Vrms for 1 min. (Detection current: 10 mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
×160µs) (FCC Part 68)
Between contacts and coil
2,500 V (2
×10µs) (Bellcore)
Temperature rise (at 20
°C 68°F)
Max. 50
°C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 2A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 750 m/s2 (Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 108 (at 180 cpm)
Electrical
Min. 105 (2 A 30 V DC resistive), Min. 2
×105 (1 A 30 V DC resistive),
Min. 105 (0.5 A 125 V AC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and storage*2
Ambient temperature:
–40
°C to +85°C –40°F to +185°F, Max. –40°C to +70°C (2A) Max. –40°F to +158°F (2A);
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 2 g .071 oz


Similar Part No. - TQ2SA-L2-24V-Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2SA-L2-24V-Z NAIS-TQ2SA-L2-24V-Z Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
More results

Similar Description - TQ2SA-L2-24V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com