Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JM1AN-ZTMP-DC9V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # JM1AN-ZTMP-DC9V-F
Description  Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JM1AN-ZTMP-DC9V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  JM1AN-ZTMP-DC9V-F Datasheet HTML 1Page - Panasonic Semiconductor JM1AN-ZTMP-DC9V-F Datasheet HTML 2Page - Panasonic Semiconductor JM1AN-ZTMP-DC9V-F Datasheet HTML 3Page - Panasonic Semiconductor JM1AN-ZTMP-DC9V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JM
ASCTB184E 201202-T
TYPES
Standard packing: Carton 50 pcs., Case 200 pcs.
RATING
1. Coil data
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
3. Switching capacity
Note: Standard UL and CSA 1HP, 20A 250VAC 11/2HP, 20A 125VAC
Nominal coil voltage
Part No.
TMP type (Flat)
TM type (Flat)
TMP type (Slim)
PCB type (Slim)
5V DC
JM1aN-ZTMP-DC5V-F
JM1aN-ZTM-DC5V-F
JM1aN-TMP-DC5V-F
JM1aN-P-DC5V-F
6V DC
JM1aN-ZTMP-DC6V-F
JM1aN-ZTM-DC6V-F
JM1aN-TMP-DC6V-F
JM1aN-P-DC6V-F
9V DC
JM1aN-ZTMP-DC9V-F
JM1aN-ZTM-DC9V-F
JM1aN-TMP-DC9V-F
JM1aN-P-DC9V-F
12V DC
JM1aN-ZTMP-DC12V-F
JM1aN-ZTM-DC12V-F
JM1aN-TMP-DC12V-F
JM1aN-P-DC12V-F
24V DC
JM1aN-ZTMP-DC24V-F
JM1aN-ZTM-DC24V-F
JM1aN-TMP-DC24V-F
JM1aN-P-DC24V-F
48V DC
JM1aN-ZTMP-DC48V-F
JM1aN-ZTM-DC48V-F
JM1aN-TMP-DC48V-F
JM1aN-P-DC48V-F
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
5V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
180
mA
27.8
900mW
110%V of
nominal voltage
6V DC
150
mA
40
9V DC
100
mA
90
12V DC
75
mA
160
24V DC
37.5 mA
640
48V DC
18.75mA
2,560
Characteristics
Item
Specifications
Contact
Contact material
AgSnO2 type
Arrangement
1 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Rating
Nominal switching capacity (resistive load)
20A 250V AC
Max. switching power (resistive load)
5,000VA
Max. switching voltage
250V AC
Max. switching current
20A
Min. switching capacity (reference value)*1
100mA, 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
5,000 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)
Max. 55
°C 131°F (By resistive method, nominal coil voltage applied to coil: 100%V,
contact carrying current: 20A, at 60
°C 140°F)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
10,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 10 ms (excluding contact bounce time) (Without diode)
Mechanical
characteristics
Shock resistance
Functional
98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2 mm
Expected life
Mechanical (at 180 times/min.)
Min. 106
Electrical (at 20 times/min.)
Min. 105 (at nominal switching capacity)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +60°C –40°F to +140°F,
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Slim TMP and Slim PCB: Approx. 28 g .99 oz
Flat TMP: Approx. 30 g 1.06 oz
Flat TM: Approx. 30 g 1.06 oz
Electrical Life
Resistive load
20 A, 250 V AC
(cos
φ = 1)
105 (at 20 times/min.)
Inductive load (cos
φ = 0.7)
Inrush 70 A, Steady 20 A
(250 V AC cos
φ = 0.7)
105 (at 20 times/min.)
Inrush 80 A, Cut-off 80 A (When the motor is locked)
(250 V AC cos
φ = 0.7)
1.5
×103 (at 20 times/min.)


Similar Part No. - JM1AN-ZTMP-DC9V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JM1AN-ZTMP-DC9V NAIS-JM1AN-ZTMP-DC9V Datasheet
120Kb / 4P
   COMPACT POWER RELAY FOR INDUCTIVE LOAD
More results

Similar Description - JM1AN-ZTMP-DC9V-F

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
   LIN-Slave for relay and DC motor control
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
   20A Power Relay For Home appliances
logo
Tyco Electronics
2-1393240-5 MACOM-2-1393240-5 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
RTS3L005 MACOM-RTS3L005 Datasheet
236Kb / 4P
   Power PCB Relay RT1 Inrush Power
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
ECS, Inc.
ECS-DR1R ECS-ECS-DR1R Datasheet
188Kb / 1P
   Ideal for wireless security and remote control applications
logo
Tyco Electronics
RT33K012 MACOM-RT33K012 Datasheet
265Kb / 3P
   Power PCB Relay RT1 Inrush
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com