Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK6SA3677YG Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK6SA3677YG
Description  Narrow pitch connectors (0.5mm pitch) Automatic mounting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6SA3677YG Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK6SA3677YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6SA3677YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Item
Specifications
Conditions
3mm, 3.5mm type
4mm, 4.5mm, 5mm,
5.5mm, 6mm, 6.5mm type
7mm, 8mm, 9mm type
Electrical
characteristics
Rated current
0.5A/terminal (Max. 10A)
0.5A/terminal (Max. 16A)
Rated voltage
60V AC/DC
Breakdown voltage
150V AC for 1 min.
Detection current: 1mA
Insulation resistance
Min. 1000M
Using 500V DC megger
Contact resistance
Max. 60m
Max. 80m
Based on the contact resistance
measurement method specified
by JIS C 5402.
Mechanical
characteristics
Composite insertion
force
Max. 0.785N
× no. of pins (initial)
Composite removal
force
Min. 0.0588N
× no. of pins
Contact holding force
Min. 0.98N/pin contacts
Measuring the maximum force.
As the contact is axially pull out.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures
Soldering heat
resistance
Max. peak temperature of 260
°C
(on the surface of the PC board around the connector terminals)
Infrared reflow soldering
300
°C within 5 sec., 350°C within 3 sec.
Soldering iron
Thermal shock
resistance (header
and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
5 cycles,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Conformed to MIL-STD-202F,
method 107G
Humidity resistance
(header and socket
mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
120 hours,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray
resistance (header
and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
24 hours,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Bath temperature 35
±2°C,
saltwarter concentration 5
±1%
H2S resistance
(header and socket
mated)
48 hours,
contact resistance max. 60m
48 hours,
contact resistance
max. 80m
Bath temperature 40
±2°C,
gas concentration 3
±1 ppm,
humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal
life
50 times
Repeated insertion and removal
speed of max. 200 times/hours
Unit weight
P5K 3mm 30 pin contacts
P5KS 4mm 30 pin contacts
Socket: 0.17g Header: 0.09g
Socket: 0.18g Header: 0.16g
Part name
Mated height 3mm, 3.5mm, 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm, 7mm, 8mm, 9mm
Material
Surface treatment
Molded portion
Heat-resistant resin (UL94V-0)
Contact/post
Copper alloy
Contact portion: Ni plating on base, Au plating on surface
Terminal portion: Ni plating on base, Au plating on surface (Except for thick of terminal)
The section close to the soldering portion has a nickel barrier.
(The nickel base is exposed.)
Order
Temperature
(
°C)
Time
(minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AXK6SA3677YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6SA3677YG PANASONIC-AXK6SA3677YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK6SA3677YG PANASONIC-AXK6SA3677YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK6SA3677YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN316038S PANASONIC-AXN316038S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com