Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLED6SW Datasheet(PDF) 1 Page - Littelfuse

Part # PLED6SW
Description  PLEDxSW Series - White Body
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED6SW Datasheet(HTML) 1 Page - Littelfuse

  PLED6SW Datasheet HTML 1Page - Littelfuse PLED6SW Datasheet HTML 2Page - Littelfuse PLED6SW Datasheet HTML 3Page - Littelfuse PLED6SW Datasheet HTML 4Page - Littelfuse PLED6SW Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PLED Open LED Protectors
Revision: May 23, 2013
©2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
PLEDxSW Series
PLEDxSW Series
Description
PLEDxSW Series open LED protectors provide a switching
electronic shunt path when an LED in an LED string fails as
an open circuit. This ensures that the remaining string of
LEDs will continue to function if a single LED does not.
PLEDxSW Series devices were designed to enable higher
reliability in indoor LED lighting applications such as
advertisement lighting and other applications. Additionally,
they are molded from white material to make them less
visible in the LED fixture and the white molding also reflects
more light to improve overall light engine efficiency.
Compatible with one, two and three watt LEDs that have
a nominal 3V forward characteristic, PLEDxSW Series
devices are available in SMB surface mount package. The
DO-214AA (SMB) low profile package is ideal for dense
board applications.
Electrical Characteristics (All parameters are measured at T=25°C unless otherwise noted)
Part Number
Marking
V
BR
breakdown
V
DRM
breakdown
I
H
I
S
I
T@VT
V
T @ IT = 1
Amp
Critical rate of
rise dV/dt
Volts
Volts
mAmps
mAmps
Amps
Volts
Volts
Min
Max
Min
Min
Max
Max
Max
Max
PLED6SW
PL6
6
16
6
5
100
1.0
1.2
250V/µs
PLED9SW
PL9
9
18
9
PLED13SW
PL13
13
26
13
PLED18SW
PL18
18
33
18
Features & Benefits
• Fast switching
• Automatically resets after
power cycle
• Low profile, small foot
print standard DO-214AA
package
• Compatible with industrial
lighting environments
• Compatible with PWM
frequencies up to 30 kHz
• RoHS compliant and
halogen-free
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Control
Circuit
RoHS
PLEDxSW Series - White Body


Similar Part No. - PLED6SW

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLED6S LITTELFUSE-PLED6S Datasheet
281Kb / 7P
   Fast switching
PLED6S LITTELFUSE-PLED6S Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
PLED6S-A LITTELFUSE-PLED6S-A Datasheet
821Kb / 5P
   PLED Open LED Protectors / Automotive PLED Series
2019 Littelfuse, Inc.
More results

Similar Description - PLED6SW

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CXM-9-30-80-36-AC12-F3-3 LUMINUS-CXM-9-30-80-36-AC12-F3-3 Datasheet
2Mb / 22P
   Sensus LED Series Pure White Targeted COB Arrays Below the Black Body Locus (BBL)
CXM-6-30-80-36-AA02-F2-3 LUMINUS-CXM-6-30-80-36-AA02-F2-3 Datasheet
3Mb / 27P
   Sensus LED Series Pure White Targeted COB Arrays Below the Black Body Locus (BBL)
CXM-6-30-80-36-AA32-F4-3 LUMINUS-CXM-6-30-80-36-AA32-F4-3 Datasheet
2Mb / 34P
   Sensus LED Series Pure White Targeted COB Arrays Below the Black Body Locus (BBBL)
CXM-6-27-90-18-AC42-F5-3 LUMINUS-CXM-6-27-90-18-AC42-F5-3 Datasheet
1Mb / 41P
   Sensus LED Series Pure White Targeted COB Arrays Below the Black Body Locus (BBBL)
logo
Schneider Electric
ZB4BV18B1 SCHNEIDER-ZB4BV18B1 Datasheet
154Kb / 5P
   Complete body/light block assembly, Harmony XB4, white flashing light with body/fixing collar integral LED 24v
logo
Luminus, Inc
CHM-6-30-80-27-XH22-F3-3 LUMINUS-CHM-6-30-80-27-XH22-F3-3 Datasheet
2Mb / 17P
   Pure White Targeted COB Arrays Below the Black Body Locus (BBBL)
logo
Roithner LaserTechnik G...
5W4HCA ROITHNER-5W4HCA Datasheet
37Kb / 1P
   WHITE LED SERIES
logo
Schneider Electric
ZB4BV18G1 SCHNEIDER-ZB4BV18G1 Datasheet
154Kb / 5P
   Complete body/light block assembly, Harmony XB4, white flashing light with body/fixing collar integral LED 110...120 V
ZB4BW0B12 SCHNEIDER-ZB4BW0B12 Datasheet
214Kb / 5P
   Complete body/contact assembly and light block, Harmony XB4, white with body/fixing collar with integral LED 24 V 1NC
ZB6EG1B SCHNEIDER-ZB6EG1B Datasheet
92Kb / 4P
   Complete body for pilot lights, Harmony XB6, white light block with body/fixing collar with integral LED 48...120 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com