Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTN1AS-PA-F-DC6V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JTN1AS-PA-F-DC6V
Description  High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JTN1AS-PA-F-DC6V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JTN1AS-PA-F-DC6V Datasheet HTML 1Page - Panasonic Semiconductor JTN1AS-PA-F-DC6V Datasheet HTML 2Page - Panasonic Semiconductor JTN1AS-PA-F-DC6V Datasheet HTML 3Page - Panasonic Semiconductor JTN1AS-PA-F-DC6V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JT-N
ASCTB187E 201202-T
REFERENCE DATA
1. Change of rate of pick-up and drop-out
voltage (at 20°C 68°F)
Sample: JTN1S-TMP-F-DC24V (6 pcs.)
2. Operate & release time (at 20°C 68°F)
Sample: JTN1S-TMP-F-DC24V (6 pcs.)
3. Operate & release time (at 20°C 68°F)
Sample: JTN1aS-PA-F-DC24V (6 pcs.)
Drop-out voltage
Pick-up voltage
25
40
30
20
10
–10
–20
–30
–40
45 65 85 105
–55 –35 –15 5
+77
–67 –31 +5 +41
+113+149+185+221
Ambient
temperature,
°C °F
80
90
100
110
120
0
10
20
Coil applied voltage,%V
Max.
Min.
Max.
Min.
Operate time
Release time
80
90
100
110
120
0
10
20
Coil applied voltage,%V
Max.
Min.
Max.
Min.
Operate time
Release time
4. Distribution frequency of pick-up voltage
(at 20°C 68°F)
Sample: JTN1S-TMP-F-DC12V (30 pcs.)
5. Distribution frequency of drop-out voltage
(at 20°C 68°F)
Sample: JTN1S-TMP-F-DC12V (30 pcs.)
6.-(1) Coil temperature rise (TMP type)*
Ambient temperature: 20°C 68°F
Sample: JTN1aS-TMP-F-DC12V (6 pcs.)
* Coil temperature rise of sealed types are same as
data of the dust cover type.
7.3 7.5 7.7 7.9 8.1 8.3 8.5
0
5
10
15
Pick-up voltage, V
Drop-out voltage, V
0
5
10
15
3
3.2 3.4 3.6 3.8 4.0 4.2
Coil applied voltage,%V
080
100
120
140
0
20
40
60
80
20 A
10 A
Ambient temperature: 55°C 131°F
Sample: JTN1aS-TMP-F-DC12V (6 pcs.)
Ambient temperature: 85°C 185°F
Sample: JTN1aS-TMP-F-DC12V (6 pcs.)
Ambient temperature: 105°C 221°F
Sample: JTN1aS-TMP-F-DC12V (6 pcs.)
Coil applied voltage,%V
080
100
120
140
0
20
40
60
80
20 A
10 A
Coil applied voltage,%V
080
100
120
140
0
20
40
60
80
20 A
10 A
Coil applied voltage,%V
080
100
120
140
0
20
40
60
80
20 A
10 A


Similar Part No. - JTN1AS-PA-F-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JTN1aS-TMP-F-DC12V PANASONIC-JTN1aS-TMP-F-DC12V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
JTN1aS-TMP-F-DC15V PANASONIC-JTN1aS-TMP-F-DC15V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
JTN1aS-TMP-F-DC18V PANASONIC-JTN1aS-TMP-F-DC18V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
JTN1aS-TMP-F-DC24V PANASONIC-JTN1aS-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
JTN1aS-TMP-F-DC5V PANASONIC-JTN1aS-TMP-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
More results

Similar Description - JTN1AS-PA-F-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
logo
Panasonic Battery Group
JTV PANASONICBATTERY-JTV Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Semiconductor
JTV1AS-PA-12V PANASONIC-JTV1AS-PA-12V Datasheet
90Kb / 4P
   Surge withstand voltage: 6kV 1a/1c 30A power relays
JTV1AS-PA-24V PANASONIC-JTV1AS-PA-24V Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com