Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PN0202QN100ES Datasheet(PDF) 4 Page - Microsemi Corporation

Part # A3PN0202QN100ES
Description  ProASIC3 nano Flash FPGAs
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN0202QN100ES Datasheet(HTML) 4 Page - Microsemi Corporation

  A3PN0202QN100ES Datasheet HTML 1Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 2Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 3Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 4Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 5Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 6Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 7Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 8Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
IV
Revision 11
The actual mark will vary by the device/package combination ordered.
ProASIC3 nano Products Available in the Z Feature Grade
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
Contact your local Microsemi SoC Products Group representative for device availability:
http://www.microsemi.com/soc/contact/default.aspx.
Figure 1 •
Example of Device Marking for Small Form Factor Packages
Devices
A3PN030*
A3PN060*
A3PN125*
A3PN250*
Packages
QN48
QN68
VQ100
VQ100
VQ100
VQ100
Note: *Not recommended for new designs.
ProASIC3 nano Devices
A3PN010
A3PN015*
A3PN020
A3PN060
A3PN125
A3PN250
ProASIC3 nano-Z Devices*
A3PN030Z*
A3PN060Z*
A3PN125Z*
A3PN250Z*
QN48
C, I
C, I
QN68
C, I
C, I
C, I
VQ100
C, I
C, I
C, I
C, I
Note: *Not recommended for new designs.
C = Commercial temperature range: 0°C to 70°C ambient temperature
I = Industrial temperature range: –40°C to 85°C ambient temperature
Temperature Grade
Std.
C 1
I 2
Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature.
2. I = Industrial temperature range: –40°C to 85°C ambient temperature.
ACTELXXX
AGL030YWW
UCG81XXXX
XXXXXXXX
Country of Origin
Date Code
Customer Mark
(if applicable)
Device Name
(six characters)
Package
Wafer Lot #


Similar Part No. - A3PN0202QN100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN020 ACTEL-A3PN020 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
More results

Similar Description - A3PN0202QN100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com