Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5111JADLMU0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F5111JADLMU0
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5111JADLMU0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F5111JADLMU0 Datasheet HTML 1Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 2Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 3Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 4Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 5Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 6Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 7Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 8Page - Renesas Technology Corp R5F5111JADLMU0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 2 of 107
Jun 19, 2013
RX111 Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications, and Table 1.2 gives a comparison of the functions of the products in different
packages.
Table 1.1 is for products with the greatest number of functions, so the number of peripheral modules and channels will
differ in accordance with the package type. For details, see Table 1.2, Comparison of Functions for Different
Packages.
Table 1.1
Outline of Specifications (1/3)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 32 MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per clock cycle
 Address space: 4-Gbyte linear
 Register set
General purpose: Sixteen 32-bit registers
Control: Eight 32-bit registers
Accumulator: One 64-bit register
 Basic instructions: 73
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32-bit × 32-bit → 64-bit
 On-chip divider: 32-bit ÷ 32-bit → 32 bits
 Barrel shifter: 32 bits
Memory
ROM
 Capacity: 16 K /32 K /64 K /96 K /128 Kbytes
 32 MHz, no-wait memory access
 Programming/erasing method:
Serial programming (asynchronous serial communication/USB communication), self-programming
RAM
 Capacity: 8 K /10 K /16 Kbytes
 32 MHz, no-wait memory access
E2 DataFlash
 Capacity: 8 Kbytes
 Number of erase/write cycles: 1,000,000 (typ)
MCU operating mode
Single-chip mode
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, low-speed on-chip oscillator, high-speed on-chip oscillator,
PLL frequency synthesizer, and IWDT-dedicated on-chip oscillator
 Oscillation stop detection: Available
 Clock frequency accuracy measurement circuit (CAC)
 Independent settings for the system clock (ICLK), peripheral module clock (PCLK), and FlashIF clock
(FCLK)
The CPU and system sections such as other bus masters run in synchronization with the system
clock (ICLK): 32 MHz (at max.)
Peripheral modules run in synchronization with the PCLK: 32 MHz (at max.)
The flash peripheral circuit runs in synchronization with the FCLK: 32 MHz (at max.)
 The ICLK frequency can only be set to FCLK, PCLKB, or PCLKD multiplied by n (n: 1, 2, 4, 8, 16, 32,
64).
Resets
RES# pin reset, power-on reset, voltage monitoring reset, independent watchdog timer reset, and
software reset
Voltage detection
Voltage detection circuit
(LVDAa)
 When the voltage on VCC falls below the voltage detection level, an internal reset or internal interrupt
is generated.
Voltage detection circuit 1 is capable of selecting the detection voltage from 10 levels
Voltage detection circuit 2 is capable of selecting the detection voltage from 4 levels
Low power
consumption
Low power consumption
functions
 Module stop function
 Three low power consumption modes
Sleep mode, deep sleep mode, and software standby mode
Function for lower operating
power consumption
 Operating power control modes
High-speed operating mode, middle-speed operating mode, and low-speed operating mode
Interrupt
Interrupt controller (ICUb)
 Interrupt vectors: 82
 External interrupts: 9 (NMI, IRQ0 to IRQ7 pins)
 Non-maskable interrupts: 4 (NMI pin, voltage monitoring 1 interrupt, voltage monitoring 2 interrupt,
and IWDT interrupt)
 16 levels specifiable for the order of priority


Similar Part No. - R5F5111JADLMU0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5111JADLMUA RENESAS-R5F5111JADLMUA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results

Similar Description - R5F5111JADLMU0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com