Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA4558F Datasheet(PDF) 4 Page - Rohm

Part # BA4558F
Description  Low Noise Operational Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 4 Page - Rohm

  BA4558F Datasheet HTML 1Page - Rohm BA4558F Datasheet HTML 2Page - Rohm BA4558F Datasheet HTML 3Page - Rohm BA4558F Datasheet HTML 4Page - Rohm BA4558F Datasheet HTML 5Page - Rohm BA4558F Datasheet HTML 6Page - Rohm BA4558F Datasheet HTML 7Page - Rohm BA4558F Datasheet HTML 8Page - Rohm BA4558F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Technical Note
4/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum rating (Ta=25[℃])
BA4560/BA4560R/BA4564R family
Parameter
Symbol
Ratings
Unit
BA4560 family
BA4560R family
BA4564R family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*6)
Vid
VCC-VEE
36
V
Input Common-mode voltage
range
Vicm
VEE~VCC
(VEE-0.3)~VEE+36
V
Operating Supply Voltage
Vopr
8~30 (±4~±15)
V
Operating Temperature
Topr
-40~+85
-40~+105
Storage Temperature
Tstg
-55~+125
-55~+150
Maximum junction Temperature
Tjmax
+125
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*6)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
Electrical characteristics
BA4560 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA4560F
Min.
Typ.
Max.
Input Offset Voltage
(*7)
Vio
25℃
-
0.5
6
mV
VOUT=0[V]
Input Offset Current
(*7)
Iio
25℃
-
5
200
nA
VOUT=0[V]
Input Bias Current
(*8)
Ib
25℃
-
50
500
nA
VOUT=0[V]
Supply Current
ICC
25℃
-
4
7.5
mA
RL=∞ All Op-Amps,
VIN+=0[V]
Maximum Output Voltage
VOH
25℃
±12
±14
-
V
RL≧10[kΩ]
25℃
±10
±13
-
RL≧2[kΩ]
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≧2[kΩ], VO=±10[V],
Vicm=0[V]
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
VOUT=±12[V]
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VOUT=±12[V]
Power Supply Rejection Ratio
PSRR
25℃
76.3
90
-
dB
Ri≦10[kΩ]
Slew Rate
SR
25℃
-
4
-
V/μs AV=0[dB], RL=2[kΩ]
Unity Gain Frequency
GBW
25℃
-
10
-
MHz f=10[kHz]
Input Referred Noise Voltage
Vn
25℃
-
-
2.2
μVrms RS=2.2[Ω], RIAA
BW=10[kHz]~30[kHz]
(*7)
Absolute value
(*8)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA4558F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558F ROHM-BA4558F Datasheet
58Kb / 5P
   Dual operational amplifier
BA4558F ROHM-BA4558F Datasheet
173Kb / 3P
   Dual Operational Amplifier
BA4558F ROHM-BA4558F Datasheet
250Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4558F ROHM-BA4558F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA4558F ROHM-BA4558F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
More results

Similar Description - BA4558F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com