Electronic Components Datasheet Search |
|
TXD2SA-2M-12V-Z Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
TXD2SA-2M-12V-Z Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 7 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ TX-D ASCTB19E 201209-T ORDERING INFORMATION High Breakdown Voltage Relay TX-D RELAYS FEATURES 1. Approved to the supplementary insulation class in the EN standards (EN60950). The insulation distance between the contact and coil meet the supplementary insulation class of the EN60950 standards as required for equipment connected to the telephone lines in Europe. Satisfies the following conditions: • Clearances: 2.0 mm .079 inch or more • Creepage distance: 2.5 mm .098 inch or more RoHS compliant 2. 3,000 V breakdown voltage between contact and coil. The body block construction of the coil that is sealed formation offers a high breakdown voltage of 3,000 V between contact and coil. 3. Nominal operating power: High sensitivity of 200mW By using the highly efficient polar magnetic circuit “seesaw balance mechanism”, a nominal operating power of 200 mW has been achieved. 4. High contact capacity: 2 A 30 V DC 5. High contact reliability achieved with gold-clad crossbar twin contacts and the use of gas expelling materials during formation. *We also offer a range of products with AgPd contacts suitable for use in low level load analog circuits (Max. 10V DC 10 mA). 6. Outstanding vibration and shock resistance. Functional shock resistance: 750 m/s2 Destructive shock resistance: 1,000 m/s2 Functional vibration resistance: 10 to 55 Hz (at double amplitude of 3.3 mm .130 inch) Destructive vibration resistance: 10 to 55 Hz (at double amplitude of 5 mm .197 inch) 7. Sealed construction allows automatic washing. TYPICAL APPLICATIONS 1. Facsimile 2. Modem 3. Communications (xDSL) 4. Medical equipment 5. Security Nominal coil voltage (DC) 3, 4.5, 5, 6, 9, 12, 24V Contact arrangement 2: 2 Form C TXD 2 Type of operation Nil: 2M: Standard type M.B.B. type Contact material Nil: 1: Standard contact (Ag+Au clad) AgPd contact (low level load); AgPd+Au clad (stationary), AgPd (movable) Operating function Nil: Single side stable L: 1 coil latching Surface-mount availability Nil: SA: Standard PC board terminal SA type Packing style Nil: X: Z: Tube packing Tape and reel (picked from 1/3/4/5-pin side) Tape and reel packing (Picked from the 8/9/10/12-pin side) Note: In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay. |
Similar Part No. - TXD2SA-2M-12V-Z |
|
Similar Description - TXD2SA-2M-12V-Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |