Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5805BZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5805BZ
Description  155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5805BZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5805BZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5805BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Table 1. Regulatory Compliance - Typical Performance
Feature
Test Method
Performance
Electrostatic
Discharge (ESD) to
the Electrical Pins
MII-STD-883F
Method 3015.7
Class 1 (>500 V) - Human Body Model
Electrostatic
Discharge (ESD)
to the Duplex SC
Receptacle
Variation of
IEC 61000-4-2
Air discharge 15 kV
Electromagnetic
Interference (EMI)
FCC Class B
Typically provide greater than 11 dB margin below 1
GHz to FCC Class B when tested in a GTEM with the
transceiver mounted to a circuit card without a chassis
enclosure at frequencies up to 1 GHz. Margins above 1
GHz dependent on customer board and chassis designs.
Immunity
Variation of IEC 801-3
Typically show no measurable effect from a 10 V/m field
swept from 27 MHz to 1 GHz applied to the transceiver
without a chassis enclosure.
Eye Safety
FDA CDRH 21-CFR 1040 Class 1
Accession Number: 9521220-121
IEC 60825 - 1
Amendment 2 2001 -01
TUV Licence Number: 933/21201880/02
Component
Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment Including Electrical
UL File#: E173874
Performance Specifications
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to
each parameter in isolation, all other parameters having values within the recommended operating conditions. It
should not be assumed that limiting values of more than one parameter can be applied to the product at the same
time. Exposure to the absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
+85
°C
Lead Soldering Temperature/Time
-
-
+260/10
°C/s
Input Voltage
-
GND
VCC
V
Power Supply Voltage
-
0
6
V
Operating Environment
Parameter
Symbol
Minimum
Maximum
Units
Notes
Power Supply Voltage
VCC
+3.1
+5.25
V
Ambient Operating Temperature
- AFCT-5805AZ/CZ/AMZ
TOP
-40
+85
°C
1
Ambient Operating Temperature
- AFCT-5805BZ/DZ
TOP
0
+70
°C
1


Similar Part No. - AFCT-5805BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
331Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver
logo
ATGBICS by Approved Tec...
AFCT-5805BZ-3.3V-C ATGBICS-AFCT-5805BZ-3.3V-C Datasheet
341Kb / 5P
   AFCT-5805BZ (3.3V) Avago Broadcom Compatible Transceiver 1x9 Transceiver for ATM, SONET OC-3/SDH STM-1, Black Case (1300nm, 155Mbps, SMF, 15km, SC, 3.3V Std Temp)
AFCT-5805BZ-5V-C ATGBICS-AFCT-5805BZ-5V-C Datasheet
341Kb / 5P
   AFCT-5805BZ (5V) Avago Broadcom Compatible Transceiver 1x9 Transceiver for ATM, SONET OC-3/SDH STM-1, Black Case (1300nm, 155Mbps, SMF, 15km, SC, 5V Std Temp)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805BZ AVAGO-AFCT-5805BZ_15 Datasheet
331Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver
More results

Similar Description - AFCT-5805BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815XZ AVAGO-AFCT-5815XZ Datasheet
313Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM
AFCT-5805BZ AVAGO-AFCT-5805BZ_15 Datasheet
331Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com