Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-4119-301E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-4119-301E
Description  Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-4119-301E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-4119-301E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-4119-301E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
C
Operating Temperature
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Soldering Cycle
Temperature
260
C
Time
10
s
Input Current
Average
IF
25
mA
Surge
50
Transient
1000
Reversed Input Voltage
VR
5V
Input Power Dissipation
ASSR-4118
PIN
40
mW
ASSR-4119
PIN
40
mW
ASSR-4128
PIN
80
mW
Output Power Dissipation
ASSR-4118
PO
300
mW
ASSR-4119
PO
300
mW
ASSR-4128
PO
600
mW
Average Output Current
(TA = 25°C, TC
100°C)
IO
0.10
A
1
ASSR-4119
Connection B
IO
0.20
A
1
Output Voltage (TA = 25°C)
VO
-400
400
V
2
ASSR-4119
Connection B
VO
0
400
V
Solder Reflow Temperature Profile
See Lead Free IR Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Input Current (ON)
IF(ON)
320
mA
3
Input Voltage (OFF)
VF(OFF)
0
0.8
V
Operating Temperature
TA
-40
+85
C
Package Characteristics
Unless otherwise specified, TA = 25°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
Input-Output Momentary
Withstand Voltage
VISO
3750
Vrms
RH
50%,
t = 1 min
4, 5
Input-Output Resistance
RI-O
1012
VI-O = 500 Vdc
Input-Output Capacitance
ASSR-4118
CI-O
0.4
pF
f = 1 MHz;
VI-O = 0 Vdc
4
ASSR-4119
CI-O
0.5
pF
f = 1 MHz;
VI-O = 0 Vdc
ASSR-4128
CI-O
0.8
pF
f = 1 MHz;
VI-O = 0 Vdc


Similar Part No. - ASSR-4119-301E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4119 AVAGO-ASSR-4119 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35)
logo
Broadcom Corporation.
ASSR-4119 BOARDCOM-ASSR-4119 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
More results

Similar Description - ASSR-4119-301E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4118-003E AVAGO-ASSR-4118-003E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35??
ASSR-4118 AVAGO-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35)
ASSR-4128-502E AVAGO-ASSR-4128-502E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35??
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-4110 BOARDCOM-ASSR-4110 Datasheet
984Kb / 18P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (400V/0.12A/25廓)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com