Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-217-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-217-500E
Description  DC Input , Half-Pitch Phototransistor Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-217-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-217-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Electrical Specifications (DC)
Over recommended ambient temperature at 25ºC unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note
Forward Voltage
VF
-
1.2
1.4
V
IF = 20mA
Fig.6
Reverse Current
IR
--
10
μA
VR = 5V
Terminal Capacitance
Ct
-
30
-
pF
V = 0, f = 1MHz
Collector Dark Current
ICEO
-
-
100
nA
VCE = 48V, IF = 0 mA
Fig.12
Collector-Emitter Breakdown Voltage
BVCEO
80
-
-
V
IC = 0.5 mA, IF = 0 mA
Emitter-Collector Breakdown Voltage
BVECO
7--
V
IE = 100
μA, IF = 0 mA
Current Transfer Ratio
CTR
50
-
600
%
IF = 5 mA, VCE = 5V
CTR=(IC/IF )*
100%
Saturated CTR
CTR(sat)
-
100
-
%
IF=1mA, VCE = 0.4V
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IF = 8mA, IC = 2.4mA
Fig.14
Isolation Resistance
RISO
5x1010
1x1011
-
Ω
DC500V, R.H. 40~60%
Floating Capacitance
CF
-
0.6
1
pF
V = 0, f = 1MHz
Cut-off Frequency (-3dB)
FC
-80
-
kHz
VCC = 5V, IC = 2 mA,
RL = 100
Ω
Fig. 2,19
Response Time (Rise)
tr
-2
-
μs
VCC = 10V, IC = 2 mA,
RL = 100
Ω
Fig. 1
Response Time (Fall)
tf
-3
-
μs
Turn-on Time
ton
-3
-
μs
Turn-off Time
toff
-3
-
μs
Turn-ON Time
tON
-2
-
μs
VCC = 5V, IF = 16 mA,
RL = 1.9k
Ω
Fig. 1, 17
Storage Time
TS
-25
-
μs
Turn-OFF Time
tOFF
-40
-
μs
Common Mode Rejection Voltage
CMR
-
10
-
kV/
μs Ta=25ºC, RL=470Ω,
VCM=1.5kV(peak),
IF=0mA, VCC=9V,
Vnp=100mV
Fig.20
Figure 1. Switching Time Test Circuit
I
F
R
L
V
CC
V
CE
I
F
V
CE
t
on
t
off
90%
10%
t
r
t
f
t
s
I
F
V
CE
t
on
t
off
90%
10%
t
r
t
f
t
s
R
L
V
CC
Output
R
D
Figure 2. Frequency Response Test Circuit


Similar Part No. - ACPL-217-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-217-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-217 BOARDCOM-ACPL-217 Datasheet
1Mb / 8P
   DC Input, Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-217 AVAGO-ACPL-217 Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler SO package
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-227 BOARDCOM-ACPL-227 Datasheet
966Kb / 11P
   DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com