Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD2SA-2M-9V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TXD2SA-2M-9V
Description  High Breakdown Voltage Relay Communications (xDSL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD2SA-2M-9V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TXD2SA-2M-9V Datasheet HTML 1Page - Panasonic Semiconductor TXD2SA-2M-9V Datasheet HTML 2Page - Panasonic Semiconductor TXD2SA-2M-9V Datasheet HTML 3Page - Panasonic Semiconductor TXD2SA-2M-9V Datasheet HTML 4Page - Panasonic Semiconductor TXD2SA-2M-9V Datasheet HTML 5Page - Panasonic Semiconductor TXD2SA-2M-9V Datasheet HTML 6Page - Panasonic Semiconductor TXD2SA-2M-9V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX-D
ASCTB19E 201209-T
TYPES
1. Standard (B.B.M.) type
1) Standard PC board terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2) Surface-mount terminal
(1) Tube packing
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
(2) Tape and reel packing
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/3/4/5-pin side) is also available.
2. Please add “-1” to the part number for AgPd contacts (low level load). (Ex. TXD2SA-3V-1-Z)
2. M.B.B type
1) Standard PC board terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
Part No.
Part No.
2 Form C
3V DC
TXD2-3V
TXD2-L-3V
4.5V DC
TXD2-4.5V
TXD2-L-4.5V
5V DC
TXD2-5V
TXD2-L-5V
6V DC
TXD2-6V
TXD2-L-6V
9V DC
TXD2-9V
TXD2-L-9V
12V DC
TXD2-12V
TXD2-L-12V
24V DC
TXD2-24V
TXD2-L-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
Part No.
Part No.
2 Form C
3V DC
TXD2SA-3V
TXD2SA-L-3V
4.5V DC
TXD2SA-4.5V
TXD2SA-L-4.5V
5V DC
TXD2SA-5V
TXD2SA-L-5V
6V DC
TXD2SA-6V
TXD2SA-L-6V
9V DC
TXD2SA-9V
TXD2SA-L-9V
12V DC
TXD2SA-12V
TXD2SA-L-12V
24V DC
TXD2SA-24V
TXD2SA-L-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
Part No.
Part No.
2 Form C
3V DC
TXD2SA-3V-Z
TXD2SA-L-3V-Z
4.5V DC
TXD2SA-4.5V-Z
TXD2SA-L-4.5V-Z
5V DC
TXD2SA-5V-Z
TXD2SA-L-5V-Z
6V DC
TXD2SA-6V-Z
TXD2SA-L-6V-Z
9V DC
TXD2SA-9V-Z
TXD2SA-L-9V-Z
12V DC
TXD2SA-12V-Z
TXD2SA-L-12V-Z
24V DC
TXD2SA-24V-Z
TXD2SA-L-24V-Z
Contact arrangement
Nominal coil voltage
Single side stable
Part No.
2 Form C
3V DC
TXD2-2M-3V
4.5V DC
TXD2-2M-4.5V
5V DC
TXD2-2M-5V
6V DC
TXD2-2M-6V
9V DC
TXD2-2M-9V
12V DC
TXD2-2M-12V
24V DC
TXD2-2M-24V


Similar Part No. - TXD2SA-2M-9V

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - TXD2SA-2M-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com