Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-T250-060E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-T250-060E
Description  1.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-T250-060E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-T250-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
DC Electrical Specifications (Compared with HCPL‑3120)
Over recommended operating conditions (IF(ON) = 7 to 16 mA, VF(OFF) = ‑3.6 to 0.8 V, VCC= 15 to 30 V,
VEE = Ground) unless otherwise specified.
HCPL-3120
HCPL-T250
Test
Parameter
Symbol
Units
Min.
Typ.*
Max.
Min.
Typ.*
Max.
Conditions
Note
Input Forward
VF
V
1.2
1.5
1.8
1.6
1.8
IF = 10 mA
Voltage
Temperature
∆VF/∆TA
mV/°C
‑1.6
‑2.0
IF = 10 mA
Coefficient of
Forward Voltage
Input Reverse
IR
µA
10
10
VR = 5 V
Current
Input Capacitance
CIN
pF
60
60
250
VF = 0 V,
F = 1 MHz
High Level
IOH
A
0.5
1.5
0.5
1.5
VO = VCC ‑ 4 V
Output Current
2.0
N.A.
VO = VCC ‑ 15 V
Low Level
IOL
A
0.5
2.0
0.5
2.0
VO = VCC ‑ 4 V
Output Current
2.0
N.A.
VO = VCC ‑ 15 V
High Level
VOH
V
VCC ‑ 4
VCC ‑ 3
VCC ‑ 4
VCC ‑ 3
IO = ‑100 mA
Output Voltage
Low Level
VOL
V
VEE+0.1 VEE+0.5
VEE+0.8 VEE+2.5 IO = 100 mA
Output Voltage
High Level
ICCH
mA
2.0
5
7
11
Output Open
Supply CurrentntSupply Current
IF = 7 to 16 mA
Low Level
ICCL
mA
2.0
5
7.5
11
Output Open
Supply Current
VF = ‑3.0 to
+0.8 V
Threshold Input
IFLH
mA
2.3
5
1.2
5
IO = 0 mA,
Current Low to
VO > 5 V
High
Threshold Input
VFHL
V
0.8
0.8
Voltage High
to Low
Supply Voltage
VCC
V
15
30
15
30
Capacitance
CI‑0
pF
0.6
1.0
(Input‑Output)
Resistance
RI‑0
1012
1012
(Input‑Output)
*All typical values at TA = 25°C and VCC ‑ VEE = 3° V, unless otherwise noted.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC ‑ VEE
15
30
V
Input Current (ON)
IF(ON)
7
16
mA
Input Voltage (OFF)
VF(OFF)
‑3.6
0.8
V


Similar Part No. - HCPL-T250-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250-060 HP-HCPL-T250-060 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-T250-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com