Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-C5A1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C5A1
Description  0.52 Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C5A1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C5A1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C5A1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical / Optical Characteristic at TA = 25°C
Red
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
4.0
mcd
IF = 10mA
Peak Wavelength
Op
640
nm
IF = 20mA
Dominant Wavelength
Od
626
nm
IF = 20mA
Forward Voltage per segment or DP
VF
2.0
2.3
V
IF = 20mA
Reverse Current
IR
100
PA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA
Green
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
6.0
mcd
IF = 10mA
Peak Wavelength
Op
565
nm
IF = 20mA
Dominant Wavelength
Od
569
nm
IF = 20mA
Forward Voltage per segment or DP
VF
2.25
2.5
V
IF = 20mA
Reverse Current
IR
100
PA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA
Yellow
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
3.0
mcd
IF = 10mA
Peak Wavelength
Op
587
nm
IF = 20mA
Dominant Wavelength
Od
589
nm
IF = 20mA
Forward Voltage per segment or DP
VF
2.15
2.3
V
IF = 20mA
Reverse Current
IR
100
PA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA


Similar Part No. - HDSP-C5A1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-C5E1 AVAGO-HDSP-C5E1 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display Available in CA and CC
HDSP-C5E3 AVAGO-HDSP-C5E3 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display Available in CA and CC
HDSP-C5X1 AVAGO-HDSP-C5X1 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display Available in CA and CC
HDSP-C5X3 AVAGO-HDSP-C5X3 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display Available in CA and CC
More results

Similar Description - HDSP-C5A1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H5X1 AVAGO-HDSP-H5X1 Datasheet
304Kb / 8P
   0.52" Single Digit PCB Based LED Display
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
HDSP-C5E1 AVAGO-HDSP-C5E1 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display Available in CA and CC
logo
Lucky Light Electronic
KW1-521 LUCKY-LIGHT-KW1-521 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.52)
logo
BRIGHT LED ELECTRONICS ...
BS-C536RD BRIGHT-BS-C536RD Datasheet
139Kb / 3P
   0.52(13.20MM)single DIGIT LED DISPLAY
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H3E1 AVAGO-ADSP-H3E1 Datasheet
199Kb / 10P
   0.36??Single Digit PCB Based LED Display
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-H1X1 AVAGO-HDSP-H1X1 Datasheet
307Kb / 7P
   1.0 Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com