Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F22547YG Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK5F22547YG
Description  Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F22547YG Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK5F22547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5F22547YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5/6)F
ACCTB23E 201303-T
DIMENSIONS (Unit: mm)
• Socket and header are mated
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
• Socket (Mated height: 1.5mm, 2.0mm, 2.5mm)
Dimension table (mm)
No. of pins
A
B
10
5.50
2.00
12
6.00
2.50
14
6.50
3.00
16
7.00
3.50
18
7.50
4.00
20
8.00
4.50
22
8.50
5.00
24
9.00
5.50
26
9.50
6.00
30
10.50
7.00
32
11.00
7.50
34
11.50
8.00
40
13.00
9.50
50
15.50
12.00
60
18.00
14.50
70
20.50
17.00
80
23.00
19.50
100
28.00
24.50
General tolerance:
±0.2
C
0.10
(0.80)
(0.80)
0.12
±0.03
0.50
±0.05
1.70
(Suction face) 4.80
B
±0.1
A
4.20
5.80
0.20
±0.03
0.50
±0.05
Mated height
C
1.5 mm
1.35
2.0 mm, 2.5 mm
1.85
CAD Data
• Header (Mated height: 1.5mm, 2.0mm, 2.5mm)
Dimension table (mm)
No. of pins
A
B
10
5.50
2.00
12
6.00
2.50
14
6.50
3.00
16
7.00
3.50
18
7.50
4.00
20
8.00
4.50
22
8.50
5.00
24
9.00
5.50
26
9.50
6.00
30
10.50
7.00
32
11.00
7.50
34
11.50
8.00
40
13.00
9.50
50
15.50
12.00
60
18.00
14.50
70
20.50
17.00
80
23.00
19.50
100
28.00
24.50
Mated height
C
1.5 mm, 2.0 mm
1.25
2.5 mm
1.75
General tolerance:
±0.2
0.10
0.12
±0.03
C
A
B
±0.1
0.50
±0.05
0.50
±0.05
0.20
±0.03
CAD Data
Mated height: 1.5 mm
Mated height: 2.0 mm
Mated height: 2.5 mm
1.50
±0.15
2.00
±0.15
2.50
±0.15


Similar Part No. - AXK5F22547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F22547YG PANASONIC-AXK5F22547YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5F22547YG PANASONIC-AXK5F22547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F22547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com