Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-261N-020E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261N-020E
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-020E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-261N-020E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• HCMOS/LSTTL/TTL performance compatible
• 1000 V/
µs minimum Common Mode Rejection (CMR)
at V
CM = 50 V (HCPL-261A family) and 15 kV/µs
minimum CMR at V
CM = 1000 V (HCPL-261N family)
• High speed: 10 MBd typical
• AC and DC performance specified over industrial
temperature range -40°C to +85°C
• Available in 8 pin DIP, SOIC-8 packages
• Safety approval:
– UL recognized per UL1577 3750Vrms for 1 minute
and 5000V
rms for 1 minute (Option 020)
– CSA Approved
– IEC/EN/DIN EN 60747-5-5 approved
Applications
• Low input current (3.0 mA) HCMOS compatible
version of 6N137 optocoupler
• Isolated line receiver
• Simplex/multiplex data transmission
• Computer-peripheral interface
• Digital isolation for A/D, D/A conversion
• Switching power supplies
• Instrumentation input/output isolation
• Ground loop elimination
• Pulse transformer replacement
HCPL-261A, HCPL-061A, HCPL-263A, HCPL-063A
HCPL-261N, HCPL-061N, HCPL-263N, HCPL-063N
HCMOS Compatible, High CMR, 10 MBd Optocouplers
Data Sheet
The connection of a 0.1
µF bypass capacitor between pins 5 and 8 is
required.
Description
The HCPL-261A family of optically coupled gates shown
on this data sheet provide all the benefits of the in-
dustry standard 6N137 family with the added benefit
of HCMOS compatible input current. This allows direct
interface to all common circuit topologies without
additional LED buffer or drive components. The Al-
GaAs LED used allows lower drive currents and reduc-
es degradation by using the latest LED technology. On
the single channel parts, an enable output allows the de-
tector to be strobed. The output of the detector IC is an
open collector schottky-clamped transistor. The internal
shield provides a minimum common mode transient im-
munity of 1000V/
µs for the HCPL-261A family and 15000
V/
µs for the HCPL-261N family.
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
1
2
3
4
8
7
6
5
CATHODE
ANODE
GND
V
VCC
O
1
2
3
4
8
7
6
5
ANODE 2
CATHODE 2
CATHODE 1
ANODE 1
GND
V
VCC
O2
VE
VO1
HCPL-261A/261N
HCPL-061A/061N
HCPL-263A/263N
HCPL-063A/063N
NC
NC
SHIELD
SHIELD
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
TRUTH TABLE
(POSITIVE LOGIC)


Similar Part No. - HCPL-261N-020E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-020E AVAGO-HCPL-261N-020E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-261N-020E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com