Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-281K Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-281K
Description  Surface Mount RF Schottky Barrier Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-281K Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-281K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-281K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Specifications TC = 25°C, Single Diode[3]
Maximum
Maximum
Minimum
Maximum
Forward
Reverse
Typical
Part
Package
Breakdown
Forward
Voltage
Leakage
Maximum
Dynamic
Number Marking Lead
Voltage
Voltage
VF(V) @
IR (nA) @
Capacitance Resistance
HSMS[4]
Code
Code Configuration
VBR (V)
VF (mV)
IF(mA)
VR (V)
CT (pF)
RD (Ω)[5]
2810
B0
0
Single
20
410
1.0
35
200
15
1.2
15
2812
B2
2
Series
2813
B3
3
Common Anode
2814
B4
4
Common Cathode
2815
B5
5
Unconnected Pair
2817
B7
7
Ring Quad[4]
2818
B8
8
Bridge Quad[4]
281B
B0
B
Single
281C
B2
C
Series
281E
B3
E
Common Anode
281F
B4
F
Common Cathode
281K
BK
K
High Isolation
Unconnected Pair
281L
BL
L
Unconnected Trio
Test Conditions
IR = 10 mA IF = 1 mA
VF = 0 V
IF = 5 mA
f = 1 MHz
Absolute Maximum Ratings[1] TC = 25°C
Symbol
Parameter
Unit
SOT-23/SOT-143
SOT-323/SOT-363
If
Forward Current (1 μs Pulse)
Amp
1
1
PIV
Peak Inverse Voltage
V
Same as VBR
Same as VBR
Tj
Junction Temperature
°C
150
150
Tstg
Storage Temperature
°C
‑65 to 150
‑65 to 150
θjc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge.
Notes:
1. ∆VF for diodes in pairs and quads in 15 mV maximum at 1 mA.
2. ∆CTO for diodes in pairs and quads is 0.2 pF maximum.
3. Effective Carrier Lifetime (τ) for all these diodes is 100 ps maximum measured with Krakauer method at 5 mA.
4. See section titled “Quad Capacitance.”
5. RD = RS + 5.2Ω at 25°C and If = 5 mA.


Similar Part No. - HSMS-281K

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281K AVAGO-HSMS-281K Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
HSMS-281K AVAGO-HSMS-281K Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-281K AVAGO-HSMS-281K Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-281K BOARDCOM-HSMS-281K Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281K AVAGO-HSMS-281K Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-281K

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com