Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84J-B3V0 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZX84J-B3V0
Description  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-B3V0 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZX84J-B3V0 Datasheet HTML 2Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 3Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 4Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 5Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 6Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 7Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 8Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 9Page - NXP Semiconductors BZX84J-B3V0 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
6 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 s; square wave; Tj =25 C prior to surge
Table 9.
Characteristics per type; BZX84J-B27 to BZX84J-C75
Tj =25 C unless otherwise specified.
BZX84J-
xxx
Sel
Working
voltage
VZ (V)
Differential
resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2mA
IZ =0.5 mA IZ =2mA
IZ =2mA
Min
Max
Max
Max
Max
VR (V) Min
Max
Max
Max
27
B
26.5
27.5
250
40
0.05
18.9
21.4
25.3
73
1
C
25.1
28.9
30
B
29.4
30.6
250
40
0.05
21
24.4
29.4
66
1
C28
32
33
B
32.3
33.7
275
40
0.05
23.1
27.4
33.4
60
0.9
C31
35
36
B
35.3
36.7
300
60
0.05
25.2
30.4
37.4
59
0.8
C34
38
39
B
38.2
39.8
300
75
0.05
27.3
33.4
41.2
58
0.7
C37
41
43
B
42.1
43.9
325
80
0.05
30.1
37.6
46.6
56
0.6
C40
46
47
B
46.1
47.9
325
90
0.05
32.9
42
51.8
55
0.5
C44
50
51
B
50
52
350
110
0.05
35.7
46.6
57.2
52
0.4
C48
54
56
B
54.9
57.1
375
120
0.05
39.2
52.2
63.8
49
0.3
C52
60
62
B
60.8
63.2
400
140
0.05
43.4
58.8
71.6
44
0.3
C58
66
68
B
66.6
69.4
400
160
0.05
47.6
65.6
79.8
40
0.25
C64
72
75
B
73.5
76.5
400
175
0.05
52.5
73.4
88.6
35
0.2
C70
79


Similar Part No. - BZX84J-B3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J-B3V0 PHILIPS-BZX84J-B3V0 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
logo
Nexperia B.V. All right...
BZX84J-B3V0 NEXPERIA-BZX84J-B3V0 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

Similar Description - BZX84J-B3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
   Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com