Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F10547YG Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXK5F10547YG
Description  Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F10547YG Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXK5F10547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5F10547YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5/6)F
ACCTB23E 201303-T
PRODUCT TYPES
Notes: 1. Regarding ordering units, During production: Please make orders in 1-reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please contact our sales office.
Samples: Small lot orders are possible. Please consult us.
2. The standard type comes without positioning bosses. Connectors with positioning bosses are available for on-demand production.
3. The 11th digit “Y” in the socket/header part number indicates the connector has a V notch. (For details, please consult one of our sales offices.)
Mated height
No. of pins
Part No.
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
1.5 mm
10
AXK5F10347YG
AXK6F10347YG
2,000 pieces
4,000 pieces
12
AXK5F12347YG
AXK6F12347YG
14
AXK5F14347YG
AXK6F14347YG
16
AXK5F16347YG
AXK6F16347YG
18
AXK5F18347YG
AXK6F18347YG
20
AXK5F20347YG
AXK6F20347YG
22
AXK5F22347YG
AXK6F22347YG
24
AXK5F24347YG
AXK6F24347YG
26
AXK5F26347YG
AXK6F26347YG
30
AXK5F30347YG
AXK6F30347YG
32
AXK5F32347YG
AXK6F32347YG
34
AXK5F34347YG
AXK6F34347YG
40
AXK5F40347YG
AXK6F40347YG
50
AXK5F50347YG
AXK6F50347YG
60
AXK5F60347YG
AXK6F60347YG
70
AXK5F70347YG
AXK6F70347YG
80
AXK5F80347YG
AXK6F80347YG
2.0 mm
10
AXK5F10547YG
AXK6F10347YG
12
AXK5F12547YG
AXK6F12347YG
14
AXK5F14547YG
AXK6F14347YG
16
AXK5F16547YG
AXK6F16347YG
18
AXK5F18547YG
AXK6F18347YG
20
AXK5F20547YG
AXK6F20347YG
22
AXK5F22547YG
AXK6F22347YG
24
AXK5F24547YG
AXK6F24347YG
26
AXK5F26547YG
AXK6F26347YG
30
AXK5F30547YG
AXK6F30347YG
34
AXK5F34547YG
AXK6F34347YG
40
AXK5F40547YG
AXK6F40347YG
50
AXK5F50547YG
AXK6F50347YG
60
AXK5F60547YG
AXK6F60347YG
70
AXK5F70547YG
AXK6F70347YG
80
AXK5F80547YG
AXK6F80347YG
100
AXK5F00547YG
AXK6F00347YG
2.5 mm
10
AXK5F10547YG
AXK6F10547YG
12
AXK5F12547YG
AXK6F12547YG
14
AXK5F14547YG
AXK6F14547YG
16
AXK5F16547YG
AXK6F16547YG
20
AXK5F20547YG
AXK6F20547YG
22
AXK5F22547YG
AXK6F22547YG
24
AXK5F24547YG
AXK6F24547YG
30
AXK5F30547YG
AXK6F30547YG
34
AXK5F34547YG
AXK6F34547YG
40
AXK5F40547YG
AXK6F40547YG
50
AXK5F50547YG
AXK6F50547YG
60
AXK5F60547YG
AXK6F60547YG
70
AXK5F70547YG
AXK6F70547YG
80
AXK5F80547YG
AXK6F80547YG
100
AXK5F00547YG
AXK6F00547YG


Similar Part No. - AXK5F10547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10547YG PANASONIC-AXK5F10547YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5F10547YG PANASONIC-AXK5F10547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F10547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com