Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT338124 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AXT338124
Description  Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT338124 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AXT338124 Datasheet HTML 6Page - Panasonic Semiconductor AXT338124 Datasheet HTML 7Page - Panasonic Semiconductor AXT338124 Datasheet HTML 8Page - Panasonic Semiconductor AXT338124 Datasheet HTML 9Page - Panasonic Semiconductor AXT338124 Datasheet HTML 10Page - Panasonic Semiconductor AXT338124 Datasheet HTML 11Page - Panasonic Semiconductor AXT338124 Datasheet HTML 12Page - Panasonic Semiconductor AXT338124 Datasheet HTML 13Page - Panasonic Semiconductor AXT338124 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
NOTES
1. As shown below, excess force
during insertion may result in damage
to the connector or removal of the
solder. Also, to prevent connector
damage please confirm the correct
position before mating connectors.
2. Keep the PC board warp no more
than 0.03mm in relation to the overall
length of the connector.
3. If extra resistance to shock caused
by dropping is required, we
recommend using P4 Series.
4. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.35 mm, 0.4 mm or
0.5 mm.
In order to reduce solder and flux rise,
solder bridges and other issues make
sure the proper levels of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Socket
(Mated height: 1.5mm, 2.0mm, 2.5mm
and 3.0mm)
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Terminal portion opening area ratio: 48%)
(Metal portion opening area ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Terminal portion opening area ratio: 60%)
(Metal portion opening area ratio: 100%)
Header
(Mated height: 1.5mm and 2.5mm)
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Terminal portion opening area ratio: 49%)
(Metal portion opening area ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Terminal portion opening area ratio: 60%)
(Metal portion opening area ratio: 100%)
Max. 0.03 mm
Max. 0.03 mm
0.95
±0.03
0.40
±0.03
0.23
±0.03
0.70
±0.03
0.95
±0.01
0.20
±0.01
0.70
±0.01
0.40
±0.01
0.95
±0.01
0.40
±0.01
0.20
±0.01
0.70
±0.01
0.80
±0.03
0.40
±0.03
0.23
±0.03
0.45
±0.03
: Insulation area
0.80
±0.01
0.45
±0.01
0.20
±0.01
0.40
±0.01
0.80
±0.01
0.40
±0.01
0.20
±0.01
0.45
±0.01


Similar Part No. - AXT338124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT338124 PANASONIC-AXT338124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
More results

Similar Description - AXT338124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com