Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACSL-6410 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL-6410
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL-6410 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL-6410 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL-6410 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Electrical Specifications
Over recommended operating range (4.5V ≤ V
DD1
≤ 5.5V, 4.5V ≤ V
DD2
≤ 5.5V, T
A
= -40°C to +100°C) unless otherwise specified.
All typical specifications are at T
A
= +25°C, V
DD1
= V
DD2
= +5.0V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Threshold Current
I
TH
2.7
7.0
mA
I
OL(Sinking)
=13 mA, V
O
= 0.6V
High Level Output Current
I
OH
3.8
100.0
μA
I
F
= 250 μA, V
O
= 5.5V
Low Level Output Voltage
V
OL
0.36
0.6
V
I
OL(Sinking)
=13 mA, I
F
=7 mA
High Level Supply Current
I
DDH
4.3
7.5
mA
I
F
= 0 mA
(per channel)
Low Level Supply Current
I
DDL
5.8
10.5
mA
I
F
= 10 mA
(per channel)
Input Forward Voltage
V
F
1.25
1.52
1.8
V
I
F
= 10 mA, T
A
= 25°C
Input Reverse Breakdown Voltage
BV
R
5.0
V
I
R
= 10 μA
Input Diode Temperature Coefficient
∆V
F
/ ∆T
A
-1.8
mV/°C
I
F
= 10 mA
Input Capacitance
C
IN
80
pF
f = 1 MHz, V
F
= 0V
Switching Specifications
Over recommended operating range (4.5V ≤ V
DD1
≤ 5.5V, 4.5V ≤ V
DD2
≤ 5.5V, I
F
= 8.0 mA, T
A
= -40°C to +100°C) unless otherwise
specified. All typical specifications are at T
A
=+25°C, V
DD1
= V
DD2
= +5.0V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Maximum Data Rate
10
15
MBd
R
L
= 350Ω, C
L
=15 pF
Pulse Width
t
PW
100
ns
R
L
= 350Ω, C
L
=15 pF
Propagation Delay Time
t
PLH
46
100
ns
R
L
= 350Ω, C
L
=15 pF
to Logic High Output Level[5]
Propagation Delay Time
t
PHL
43
100
ns
R
L
= 350Ω, C
L
=15 pF
to Logic Low Output Level[6]
Pulse Width Distortion |t
PHL
– t
PLH
|
|PWD|
5
35
ns
R
L
= 350Ω, C
L
=15 pF
Propagation Delay Skew[7]
t
PSK
40
ns
R
L
= 350Ω, C
L
=15 pF
Output Rise Time (10 – 90%)
t
R
30
ns
R
L
= 350Ω, C
L
=15 pF
Output Fall Time (10 – 90%)
t
F
12
ns
R
L
= 350Ω, C
L
=15 pF
Logic High Common Mode
|CM
H
|
10
kV/μs
V
cm
= 1000V, I
F
=0 mA,
Transient Immunity [8]
V
O
= 2.0V, R
L
=350Ω,
T
A
= 25°C
Logic Low Common Mode
|CM
L
|
10
kV/μs
V
cm
= 1000V, I
F
= 8 mA,
Transient Immunity [8]
V
O
= 0.8V, R
L
= 350Ω,
T
A
= 25°C
Notes:
5. t
PLH
is measured from the 4.0 mA level on the falling edge of the input pulse to the 1.5V level on the rising edge of the output pulse.
6. t
PHL
is measured from the 4.0 mA level on the rising edge of the input pulse to the 1.5V level on the falling edge of the output pulse.
7. t
PSK
is equal to the worst case difference in t
PHL
and/or t
PLH
that will be seen between units at any given temperature and specified test condi-
tions.
8. CM
H
is the maximum common mode voltage slew rate that can be sustained while maintaining V
O
> 2.0V. CM
L
is the maximum common mode
voltage slew rate that can be sustained while maintaining V
O
< 0.8V. The common mode voltage slew rates apply to both rising and falling
common mode voltage edges.


Similar Part No. - ACSL-6410

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACSL-6410 HP-ACSL-6410 Datasheet
136Kb / 10P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6410 AVAGO-ACSL-6410 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6410 AVAGO-ACSL-6410 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6410 AVAGO-ACSL-6410 Datasheet
509Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6410 AVAGO-ACSL-6410 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
More results

Similar Description - ACSL-6410

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6410-00TE AVAGO-ACSL-6410-00TE Datasheet
509Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300-56TE AVAGO-ACSL-6300-56TE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6400-00TE AVAGO-ACSL-6400-00TE Datasheet
515Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
Agilent(Hewlett-Packard...
ACSL-6XX0 HP-ACSL-6XX0 Datasheet
136Kb / 10P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6XX0 AVAGO-ACSL-6XX0 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Fairchild Semiconductor
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com