Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y5BW Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # Y5BW
Description  FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

Y5BW Datasheet(HTML) 1 Page - Panasonic Semiconductor

  Y5BW Datasheet HTML 1Page - Panasonic Semiconductor Y5BW Datasheet HTML 2Page - Panasonic Semiconductor Y5BW Datasheet HTML 3Page - Panasonic Semiconductor Y5BW Datasheet HTML 4Page - Panasonic Semiconductor Y5BW Datasheet HTML 5Page - Panasonic Semiconductor Y5BW Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF53
ACCTB1E 201204-T
ORDERING INFORMATION
For FPC/FFC*
Y5B/Y5BW
Series
FPC connectors
(0.5mm pitch)
Back lock
FEATURES
1. Low profile, space saving back lock
type with improved lever operability
2. Mechanical design freedom
achieved by top and bottom double
contacts
3. Wide selection, including a type
with a small number of pins
Low profile and space saving design of
1.0 mm high and 3.20 mm deep (3.70
mm with lever)
Y5B and Y5BW can have a minimum of
four and two contacts respectively,
maximum reduction in design packaging.
4. Wiring patterns can be placed
underneath the connector.
5. Man-hours for assembly can be
reduced by delivering the connectors
with their levers opened.
6. Y5BW features advanced
functionality, including a structure to
temporarily hold the FPC and a higher
holding force.
The FPC holding contacts located on
both ends of the connector facilitate
positioning of FPC and further enhance
the FPC holding force.
* (Y5BW is compatible with FPC only.)
APPLICATIONS
A wide range of digital equipment,
including mobile phones,
smartphones, PCs, digital still camera,
and digital video camera. Ideal for
touch panels and LCD backlights,
which require connectors with a small
number of pins.
Y5B
Y5BW
RoHS compliant
Unit: mm
1.00
3.20
4 pin contacts (Y5B: minimum)
Applicable FPC shape
With notches
Structure to lock
notches on both ends
of the FPC with
holding contacts
(1) The inserted FPC can be temporarily held until the lever is
closed.
(2) When the lever is closed, the holding contacts lock the
FPC by its through-holes and notches, enhancing the FPC
holding force.
53: FPC Connector 0.5 mm pitch
(Back lock)
AYF
5
3
5
Number of pins (2 digits)
Function
3: Top and bottom double contacts (Y5B)
6: Top and bottom double contacts, lock holding type (Y5BW)
Surface treatment (Contact portion / Terminal portion)
5: Au plating/Au flash plating (Ni barrier)


Similar Description - Y5BW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
   Low Profile 0.5mm Pitch Connectors For FPC
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com