Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK560147YG Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AXK560147YG
Description  Narrow pitch connectors (0.5mm pitch) Automatic mounting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK560147YG Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AXK560147YG Datasheet HTML 6Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 7Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 8Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 9Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 10Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 11Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 12Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 13Page - Panasonic Semiconductor AXK560147YG Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
NOTES
1. Prevention of reverse mating
Other than P5KS series 120, 130, 160
pin contacts type, the socket and header
are protected from reverse mating by a
molded resin key. Excessive mating force
may damage the key, so be sure to match
chamfered corners when mating.
2. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.35 mm, 0.4 mm or
0.5 mm.
In order to reduce solder and flux rise,
solder bridges and other issues make
sure the proper levels of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Chamfered corner
Chamfered corner
Chamfered corner
Chamfered corner
Outline (top view)
Chamfered corner
Mating state
• P5K Socket
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 56%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 69%)
0.50
±0.05
0.50
±0.05
0.25
±0.05
B
±0.05
0.75
±0.05
0.125
±0.05
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
• P5K Header
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 62%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 78%)
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
B
±0.05
0.125
±0.05
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
* See the dimension table on page 93 for more information on the B dimension of the socket and header.


Similar Part No. - AXK560147YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK560147YG PANASONIC-AXK560147YG Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK560147YG PANASONIC-AXK560147YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK560147YG PANASONIC-AXK560147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK560147YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN316038S PANASONIC-AXN316038S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com