Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37981M1100M000 Datasheet(PDF) 11 Page - EPCOS

Part # B37981M1100M000
Description  Multilayer Ceramic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37981M1100M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B37981M1100M000 Datasheet HTML 7Page - EPCOS B37981M1100M000 Datasheet HTML 8Page - EPCOS B37981M1100M000 Datasheet HTML 9Page - EPCOS B37981M1100M000 Datasheet HTML 10Page - EPCOS B37981M1100M000 Datasheet HTML 11Page - EPCOS B37981M1100M000 Datasheet HTML 12Page - EPCOS B37981M1100M000 Datasheet HTML 13Page - EPCOS B37981M1100M000 Datasheet HTML 14Page - EPCOS B37981M1100M000 Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
10
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X7R
Multilayer ceramic capacitors
Typical characteristics
Capacitance change
DC/C25 versus
temperature T
Capacitance change
DC/C0 versus
superimposed DC voltage V
Insulation resistance Rins versus
temperature T
Dissipation factor tan
d versus
temperature T
KKE0422-7
T
0
20 40 60 80 100
140
%
_
60
_
40
_
20
_
C
˚
50
_
45
_
40
_
35
_
30
_
25
_
20
_
15
_
5
_
0
5
15
10
_
C25
C
KKE0187-3
0
C0
V
∆C
20
40
60
80
V 100
1 nF
100 nF
0
10
%
100 V
100 V
50 V
100 nF
10
_
20
_
30
_
40
_
KKE0190-M
0
T
ins
8
10
10 6
10 5
10 4
10 3
10 2
M
R
20
40
60
80
100
140
C
˚
KKE0189-J
T
δ
tan
0
20 40 60 80 100
140
60
_
40
_
20
_
1
10
_
10
_2
10
_3
C
˚
X7R


Similar Part No. - B37981M1100M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37981M1100M051 EPCOS-B37981M1100M051 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
B37981M1100M054 EPCOS-B37981M1100M054 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37981M1100M000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com