Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0500-500E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0500-500E
Description  HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0500-500E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0500-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Electrical Specifications (DC)
Over recommended temperature (T
A = 0°C to 70°C) unless otherwise specified. See note 13.
Parameter
Symbol
Device
Min. Typ.**
Max. Units
Test Conditions
Fig.
Note
Current
Transfer Ratio
CTR*
6N135
HCPL-0500
HCNW135
7
18
50
%
T
A = 25°C
V
O = 0.4 V
I
F = 16 mA,
V
CC = 4.5 V
1, 2,
4
5, 11
5
19
V
O = 0.5 V
HCPL-2502
15
22
T
A = 25°C
V
O = 0.4 V
15
25
V
O = 0.5 V
6N136
HCPL-0501
HCNW136
19
24
50
T
A = 25°C
V
O = 0.4 V
15
25
V
O = 0.5 V
Logic Low
Output Voltage
V
OL
6N135
HCPL-0500
HCNW135
0.1
0.4
V
T
A = 25°C
I
O = 1.1 mA
I
F = 16 mA,
V
CC = 4.5 V
0.1
0.5
I
O = 0.8 mA
6N136
HCPL-2502
HCPL-0501
HCNW136
0.1
0.4
T
A = 25°C
I
O = 3.0 mA
0.1
0.5
I
O = 2.4 mA
Logic High
Output Current
I
OH*
0.003
0.5
µA
T
A = 25°C
V
O = VCC = 5.5 V
I
F = 0 mA
7
0.01
1
T
A = 25°C
V
O = VCC = 15 V
50
V
O = VCC = 15 V
Logic Low
Supply Current
I
CCL
50
200
µA
I
F = 16 mA, VO = Open,
V
CC = 15 V
13
Logic High
Supply Current
I
CCH*
0.02
1
µA
T
A = 25°C
I
F = 0 mA,
V
O = Open,
13
2
V
CC = 15 V
Input Forward
V
F*
Voltage
8-Pin DIP
1.5
1.7
V
T
A = 25°C
I
F = 16 mA
3
SO-8
1.8
Widebody
1.45
1.68
1.85
T
A = 25°C
I
F = 16 mA
1.35
1.95
Input Reverse
Breakdown
Voltage
BV
R*
8-Pin DIP
5
V
I
R = 10 µA
SO-8
Widebody
3
I
R = 100
µA
Temperature
Coefficient of
Forward Volt-
age
∆V
F/
∆T
A
8-Pin DIP
-1.6
mV/°C I
F = 16 mA
SO-8
Widebody
-1.9
Input
Capacitance
C
IN
8-Pin DIP
60
pF
f = 1 MHz, V
F = 0 V
SO-8
Widebody
90
Transistor DC
Current Gain
h
FE
8-Pin DIP
150
V
O = 5 V, IO = 3 mA
SO-8
130
V
O = 0.4 V, IB = 20 µA
Widebody
180
V
O = 0.4 V, IB = 20 µA
160
V
O = 5 V, IO = 3 mA
*For JEDEC registered parts.
**All typicals at T
A = 25°C.


Similar Part No. - HCPL-0500-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0500-500 HP-HCPL-0500-500 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0500-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com