Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AYF335165 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AYF335165
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF335165 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AYF335165 Datasheet HTML 1Page - Panasonic Semiconductor AYF335165 Datasheet HTML 2Page - Panasonic Semiconductor AYF335165 Datasheet HTML 3Page - Panasonic Semiconductor AYF335165 Datasheet HTML 4Page - Panasonic Semiconductor AYF335165 Datasheet HTML 5Page - Panasonic Semiconductor AYF335165 Datasheet HTML 6Page - Panasonic Semiconductor AYF335165 Datasheet HTML 7Page - Panasonic Semiconductor AYF335165 Datasheet HTML 8Page - Panasonic Semiconductor AYF335165 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
RECOMMENDED FPC DIMENSIONS
Y3B
0.20
±0.03
0.10 max.
0.60
±0.07
0.10 max.
0.20
±0.02
A
±0.05
0.60
±0.02 (Pitch)
0.60
±0.07
0.30
±0.02 (Pitch)
0.60
±0.02 (Pitch)
C
±0.03
B
±0.03
0.30
±0.07
(Contact width)
+0.04
–0.03
0.30
(Contact width)
+0.04
–0.03
0.30
Cutting direction*
*Cut FPC from the copper foil side
to the reinforcing plate side.
0.30
±0.07
(Finished thickness: t = 0.2
±0.03)
The conductive parts should be based by Ni plating and then Au plating.
No. of pins: Odd number
No. of pins: Even number (8 pins)
For Top Contacts
For Bottom Contacts
Number of
pins/
dimension
A
B
C
7
2.40
1.80
1.20
9
3.00
2.40
1.80
11
3.60
3.00
2.40
13
4.20
3.60
3.00
15
4.80
4.20
3.60
17
5.40
4.80
4.20
21
6.60
6.00
5.40
23
7.20
6.60
6.00
25
7.80
7.20
6.60
27
8.40
7.80
7.20
31
9.60
9.00
8.40
33
10.20
9.60
9.00
35
10.80
10.20
9.60
37
11.40
10.80
10.20
39
12.00
11.40
10.80
45
13.80
13.20
12.60
51
15.60
15.00
14.40
61
18.60
18.00
17.40
0.30
±0.02 (pitch)
0.60
±0.02 (pitch)
1.80
±0.03
1.80
±0.03
0.60
±0.07
0.60
±0.02 (pitch)
0.30
±0.07
0.30
±0.07
0.60
±0.07
2.70
±0.05
2-R0.20
0.10 max.
0.10 max.
0.20
±0.02
0.20
±0.03
0.30
(Width of contact area)
+0.04
−0.03
0.30
(Width of contact area)
+0.04
−0.03
Cutting direction*
*Cut FPC from the copper foil side
to the reinforcing board side.
0.20
±0.03
0.10 max.
0.10 max.
0.20
±0.02
0.30
(Width of contact area)
+0.04
−0.03
0.30
(Width of contact area)
+0.04
−0.03
1.80
±0.03
1.80
±0.03
0.60
±0.02 (pitch)
0.30
±0.02 (pitch)
0.60
±0.07
0.60
±0.02 (pitch)
0.30
±0.07
0.30
±0.07
0.60
±0.07
2-R0.20
2.70
±0.05
Cutting direction*
*Cut FPC from the copper foil side
to the reinforcing board side.


Similar Part No. - AYF335165

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311315 PANASONIC-AYF311315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311515 PANASONIC-AYF311515 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311715 PANASONIC-AYF311715 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF312315 PANASONIC-AYF312315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
More results

Similar Description - AYF335165

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
   FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Molex Electronics Ltd.
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
   0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com