Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AYF533035 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AYF533035
Description  FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF533035 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AYF533035 Datasheet HTML 1Page - Panasonic Semiconductor AYF533035 Datasheet HTML 2Page - Panasonic Semiconductor AYF533035 Datasheet HTML 3Page - Panasonic Semiconductor AYF533035 Datasheet HTML 4Page - Panasonic Semiconductor AYF533035 Datasheet HTML 5Page - Panasonic Semiconductor AYF533035 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF53
ACCTB1E 201204-T
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common for respective contact type)
• Y5B Dimension table (Unit: mm)
• Y5BW Dimension table (Unit: mm)
• Connector orientation with respect to embossed tape feeding direction
Number of pins
Type of taping
A
B
C
D
Quantity per reel
4 to 10
Tape I
16.0
7.5
17.4
5,000
12 to 30
Tape I
24.0
11.5
25.4
5,000
32 to 34
Tape II
32.0
14.2
28.4
33.4
5,000
40 to 50
Tape II
44.0
20.2
40.4
45.4
5,000
Number of pins
Type of taping
A
B
C
D
Quantity per reel
2 to 8
Tape I
16.0
7.5
17.4
5,000
10 to 28
Tape I
24.0
11.5
25.4
5,000
30 to 32
Tape II
32.0
14.2
28.4
33.4
5,000
38 to 48
Tape II
44.0
20.2
40.4
45.4
5,000
R0.20
R0.20
R0.20
(A+2)
±0.05
1.00
±0.07
0.50
±0.03 (Pitch) 0.35±0.03
0.30
±0.03
A
±0.03
Notches type
0.70
±0.05
*1
*1
Not interfere
conductor
Cutting direction (*2)
(*2) Cut FPC from the copper foil side
to the reinforcing plate side.
Y5BW RECOMMENDED FPC DIMENSIONS
(Finished thickness: t = 0.3
±0.03)
The conductive parts should be based by Ni plating and then Au plating.
Number of pins/
dimension
A
2
0.50
3
1.00
4
1.50
6
2.50
8
3.50
10
4.50
12
5.50
14
6.50
22
10.50
26
12.50
28
13.50
30
14.50
32
15.50
38
18.50
40
19.50
48
23.50
• Specifications for taping
• Specifications for the plastic reel
(In accordance with EIAJ ET-7200B.)
(A
±0.3)
Tape I
(A
±0.3)
(C)
(B)
Tape II
(1.75)
(1.75)
(B)
1.50
dia.
+0.1
0.0
Embossed mounting-hole
Taping reel
Top cover tape
Label
Embossed carrier tape
(D
±1)
Type
Direction
of tape progress
Y5B
Y5BW


Similar Part No. - AYF533035

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
More results

Similar Description - AYF533035

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
   Low Profile 0.5mm Pitch Connectors For FPC
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com