Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD2-3V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TXD2-3V
Description  High Breakdown Voltage Relay Communications (xDSL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD2-3V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  TXD2-3V Datasheet HTML 1Page - Panasonic Semiconductor TXD2-3V Datasheet HTML 2Page - Panasonic Semiconductor TXD2-3V Datasheet HTML 3Page - Panasonic Semiconductor TXD2-3V Datasheet HTML 4Page - Panasonic Semiconductor TXD2-3V Datasheet HTML 5Page - Panasonic Semiconductor TXD2-3V Datasheet HTML 6Page - Panasonic Semiconductor TXD2-3V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX-D
ASCTB19E 201209-T
DIMENSIONS (mm inch)
1) Standard PC board terminal
12. Actual load test (35 mA 48 V DC wire spring
relay load)
Tested sample: TXD2-5V, 6 pcs.
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
48 V DC
458
0.08
µF
0.08
µF
458
4
3
TXD
+
Wire spring relay
0
10
20
30
40
50
60
70
80
90
100
No. of operation,
×104
Pick-up voltage
Drop-out voltage
010
20
30
40
50
Max.
Min.
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operation,
×104
Min.
Max.
50
40
30
20
10
0
13-(1). Distribution of M.B.B. time
Tested sample: TXD2-2M-5V, 50 pcs.
Terminal No. 3-4-5: ON
Terminal No. 3-4-5: OFF
100
150
200
250
300
350
400
150
200
250
300
350
400
450
µs min.
µs max.
x:
σn-1:
Min.:
Max.:
300.5
µs
55.3
µs
165
µs
415
µs
0
10
20
30
40
50
60
2
7
12
22
6
1
100
150
200
250
300
350
400
150
200
250
300
350
400
450
x:
σn-1:
Min.:
Max.:
298.8
µs
51.8
µs
205
µs
432
µs
µs min.
µs max.
0
10
20
30
40
50
60
12
13
16
8
1
13-(2). Distribution of M.B.B. time
Tested sample: TXD2-2M-5V, 50 pcs.
Terminal No. 8-9-10: ON
Terminal No. 8-9-10: OFF
14. Surge breakdown voltage test
Tested sample: TXD2-3V, 30 pcs.
100
150
200
250
300
350
400
150
200
250
300
350
400
450
x:
σn-1:
Min.:
Max.:
293.4
µs
60.4
µs
155
µs
445
µs
µs min.
µs max.
0
10
20
30
40
50
60
4
10
10
18
5
3
100
150
200
250
300
350
400
150
200
250
300
350
400
450
x:
σn-1:
Min.:
Max.:
281.4
µs
58.3
µs
120
µs
421
µs
µs min.
µs max.
60
50
40
30
20
10
0
1
4
6
19
15
4
1
0
6
2
4
8
10
12
14
7000 7200 7400 7600
8000
7800
8200 8400 8600
Surge breakdown voltage, V
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
Standard PC board terminal
15.00
.591
7.40
0.25
1.15
.020
5.08
2.54
.045
.200
.100
5.08
.291
0.50
.010
.200
3.50
.138
8.20
.323
.026
0.65
PC board pattern
(Bottom view)
Tolerance:
±0.1 ±.004
5.08
2.54
8-1.0 dia.
10.16
.200
.100
8-.039 dia.
.400
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
12
1
8
5
9
4
10
3
+
Direction indication
12
1
10
3
9
4
8
5
+
CAD Data


Similar Part No. - TXD2-3V

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - TXD2-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com