Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61VVF204836B-7.5M3 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61VVF204836B-7.5M3
Description  2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VVF204836B-7.5M3 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61VVF204836B-7.5M3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61VVF204836B-7.5M3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. 00B
10/15/2012
IS61LF204836B, IS61VF/VVF204836B
IS61LF409618B, IS61VF/VVF409618B
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
165 PBGA PACKAGE PIN CONFIGURATION
4M x 18 (TOP VIEW)
PIN DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
CE
BWb
NC
CE2
BWE
ADSC
ADV
A
A
B
NC
A
CE2
NC
BWa
CLK
GW
OE
ADSP
A
NC
C
NC
NC
Vddq
Vss
Vss
Vss
Vss
Vss
Vddq
Nc
DQPa
D
NC
DQb
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
NC
DQa
E
NC
DQb
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
NC
DQa
F
NC
DQb
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
NC
DQa
G
NC
DQb
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
NC
DQa
H
NC
NC
NC
Vdd
Vss
Vss
Vss
Vdd
Nc
Nc
ZZ
J
DQb
NC
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
Nc
K
DQb
NC
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
Nc
L
DQb
NC
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
Nc
M
DQb
NC
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
Nc
N
DQPb
NC
Vddq
Vss
NC
A
NC
Vss
Vddq
NC
NC
P
NC
A
A
A
TDI
A1*
TDO
A
A
A
A
R
MODE
A
A
A
TMS
A0*
TCK
A
A
A
A
Symbol
Pin Name
A
Synchronous Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Synchronous Address Status
Processor
ADSC
Synchronous Address Status
Controller
GW
Synchronous Global Write
Enable
CLK
Synchronous Clock
CE
, CE2, CE2
Synchronous Chip Select
BWa
-BWb
Synchronous Byte Write
Controls
Symbol
Pin Name
BWE
Synchronous Byte Write Enable
OE
Asynchronous Output Enable
ZZ
Asynchronous Power Sleep Mode
MODE
Synchronous Burst Sequence
Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQa-DQb
Synchronous Data Inputs/Outputs
DQPa-DQPb Synchronous Data Inputs/Outputs
Vdd
Power Supply
Vddq
I/O Power Supply
Vss
Ground


Similar Part No. - IS61VVF204836B-7.5M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VVPS102418B ISSI-IS61VVPS102418B Datasheet
1Mb / 33P
   Internal self-timed write cycle
IS61VVPS51236B ISSI-IS61VVPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
More results

Similar Description - IS61VVF204836B-7.5M3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com