Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A817A3S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H11A817A3S
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A817A3S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H11A817A3S Datasheet HTML 1Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 2Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 3Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 4Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 5Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 6Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 7Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 8Page - Fairchild Semiconductor H11A817A3S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4/24/03
Page 5 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
0
10-6
10-5
10-4
10-3
10-2
10-1
1
10
25
50
75
100
125
TA - AMBIENT TEMPERATURE (˚C)
Fig. 6 Collector Leakage Current
vs. Ambient Temperature
VCE = 10 V
0.1
0.1
1
10
100
1000
110
100
R - LOAD RESISTOR (KV)
Fig. 7 Rise and Fall Time
vs. Load Resistor
toff
ton
tf
tr
IF = 5 mA
VCC = 5 V
TA = 25˚C
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
tr
tf
INPUT
IF
RL = 100
VCC = 10V
OUTPUT
Temperature (
°C)
250
200
150
100
50
0
01
2
345
Time (Min)
220
°C: 10 sec to 40 sec
Time > 183
°C: 120 sec to 180 sec
225
°C
10%
90%
Figure 8. Switching Time Test Circuit and Waveforms
Recommended Thermal Reflow Profile for Surface Mount DIP Package
IC
Adjust IF to produce IC = 2 mA


Similar Part No. - H11A817A3S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11A817A QT-H11A817A Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A817A FAIRCHILD-H11A817A Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11A817A3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com