Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R61C105KA93 Datasheet(PDF) 1 Page - Analog Devices

Part # GRM188R61C105KA93
Description  Setting Up the Evaluation Board for the ADP150
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

GRM188R61C105KA93 Datasheet(HTML) 1 Page - Analog Devices

  GRM188R61C105KA93 Datasheet HTML 1Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 2Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 3Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 4Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 5Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 6Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 7Page - Analog Devices GRM188R61C105KA93 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-054
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Setting Up the Evaluation Board for the ADP150
Please see the last page for an important warning and disclaimers.
Rev. 0 | Page 1 of 8
FEATURES
Input voltage range: 2.2 V to 5.5 V
Output current range: 0 mA to 150 mA
Output voltage accuracy: ±1%
Operating temperature range: −40°C to +125°C
GENERAL DESCRIPTION
The ADP150 evaluation board is used to demonstrate
the functionality of the ADP150 linear regulator.
Simple device measurements such as line and load regulation,
dropout voltage, and ground current can be demonstrated with
only a single voltage supply, a voltage meter, a current meter,
and load resistors.
For more information about the ADP150 linear regulator, see
the ADP150 data sheet.
EVALUATION BOARDS
Figure 1. TSOT PCB Layout
Figure 2. WLCSP PCB Layout


Similar Part No. - GRM188R61C105KA93

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R61C105KA93 MURATA1-GRM188R61C105KA93 Datasheet
557Kb / 4P
   Ceramic Capacitors(SMD)
11/08/2022
logo
Murata Manufacturing Co...
GRM188R61C105KA93D MURATA-GRM188R61C105KA93D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Murata Manufacturing Co...
GRM188R61C105KA93D MURATA1-GRM188R61C105KA93D Datasheet
557Kb / 4P
   Ceramic Capacitors(SMD)
11/08/2022
GRM188R61C105KA93J MURATA1-GRM188R61C105KA93J Datasheet
557Kb / 4P
   Ceramic Capacitors(SMD)
11/08/2022
More results

Similar Description - GRM188R61C105KA93

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-289 AD-UG-289 Datasheet
179Kb / 8P
   RedyKit for the ADP150 LDO
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
   EVALSPEAr320PLC evaluation board for the SPEAr320
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com